Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 31 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 31 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 27Page - PMC-Sierra, Inc PM8313 Datasheet HTML 28Page - PMC-Sierra, Inc PM8313 Datasheet HTML 29Page - PMC-Sierra, Inc PM8313 Datasheet HTML 30Page - PMC-Sierra, Inc PM8313 Datasheet HTML 31Page - PMC-Sierra, Inc PM8313 Datasheet HTML 32Page - PMC-Sierra, Inc PM8313 Datasheet HTML 33Page - PMC-Sierra, Inc PM8313 Datasheet HTML 34Page - PMC-Sierra, Inc PM8313 Datasheet HTML 35Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
21
Pin Name
Type
Pin No. Function
RD1CLK1
RD1CLK2
RD1CLK3
RD1CLK4
RD1CLK5
RD1CLK6
RD1CLK7
RD1CLK8
RD1CLK9
RD1CLK10
RD1CLK11
RD1CLK12
RD1CLK13
RD1CLK14
RD1CLK15
RD1CLK16
RD1CLK17
RD1CLK18
RD1CLK19
RD1CLK20
RD1CLK21
RD1CLK22
RD1CLK23
RD1CLK24
RD1CLK25
RD1CLK26
RD1CLK27
RD1CLK28
Output
198
193
186
180
175
170
166
159
155
151
146
142
137
133
127
122
116
110
106
102
98
91
87
82
76
71
66
62
The receive DS1 clock (RD1CLK[28:1]) signals
provide timing for each of the 28 demultiplexed
DS1 streams. The RD1CLK[28:1] signals are
nominally 1.544 MHz clocks, but have
substantial jitter due to the demultiplexing and
destuffing processes. The RD1DAT[28:1]
outputs are updated on the falling edges of the
corresponding RD1CLK[28:1] signals.
When the internal M12 multiplexers are
configured for G.747 multiplexing, every fourth
RD1CLK signal (RD1CLK4, 8, 12, 16, 20, 24,
28) is unused and held low. The remaining
RD1CLK signals are then nominally 2.048 MHz
clocks.
When the internal M12 multiplexers are
bypassed, every fourth RD1CLK signal
(RD1CLK4, 8, 12, 16, 20, 24, 28) may become
a DS2 rate clock operating at nominally 6.312
MHz. The remaining RD1CLK signals for the
particular M12 multiplexer bypassed are then
unused and held low.
The internal M12 multiplexers may be
bypassed or configured for G.747 multiplexing
on an individual basis. Thus the configuration
of each of the seven blocks of four RD1CLK
signals is independently programmable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com