Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 80 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 80 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 76Page - PMC-Sierra, Inc PM8313 Datasheet HTML 77Page - PMC-Sierra, Inc PM8313 Datasheet HTML 78Page - PMC-Sierra, Inc PM8313 Datasheet HTML 79Page - PMC-Sierra, Inc PM8313 Datasheet HTML 80Page - PMC-Sierra, Inc PM8313 Datasheet HTML 81Page - PMC-Sierra, Inc PM8313 Datasheet HTML 82Page - PMC-Sierra, Inc PM8313 Datasheet HTML 83Page - PMC-Sierra, Inc PM8313 Datasheet HTML 84Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
70
Register 09H: Master Interrupt Source #2
Bit
Type
Function
Default
Bit 7
R
XFDLUDR
0
Bit 6
R
DS2FRMR #7
0
Bit 5
R
DS2FRMR #6
0
Bit 4
R
DS2FRMR #5
0
Bit 3
R
DS2FRMR #4
0
Bit 2
R
DS2FRMR #3
0
Bit 1
R
DS2FRMR #2
0
Bit 0
R
DS2FRMR #1
0
This register allows software to determine which of the seven DS2 framer TSBs
produced the interrupt on the INTB output pin, or whether the XFDL TSB
produced an underrun condition.
Reading this register does not remove the interrupt indication; the corresponding
TSB's interrupt status register must be read to remove the interrupt indication.
XFDLUDR:
If the XFDLUDR bit is a logic 1, the XFDL TSB is generating an interrupt due
to an underrun of the transmit data buffer (also visible on the TDLUDR output
when configured for internal HDLC, i.e. TEXHDLC=0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com