Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 22 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 22 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 18Page - PMC-Sierra, Inc PM8313 Datasheet HTML 19Page - PMC-Sierra, Inc PM8313 Datasheet HTML 20Page - PMC-Sierra, Inc PM8313 Datasheet HTML 21Page - PMC-Sierra, Inc PM8313 Datasheet HTML 22Page - PMC-Sierra, Inc PM8313 Datasheet HTML 23Page - PMC-Sierra, Inc PM8313 Datasheet HTML 24Page - PMC-Sierra, Inc PM8313 Datasheet HTML 25Page - PMC-Sierra, Inc PM8313 Datasheet HTML 26Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
12
inputs allow substitution of the overhead bits or the sourcing of AIS, idle signal or
far end receive failure indication.
When configured for the C-bit parity application, bit oriented codes in the FEAC
channel are inserted by the XBOC Bit-Oriented Code Transmitter Block. The
FEAC code is controlled by an internal register. The path maintenance data link
is inserted using the XFDL Data Link Transmitter Block or an external HDLC
transmitter. The XFDL supports polled, interrupt driven, and DMA servicing.
The demultiplexing and multiplexing of seven 6312 kbit/s data streams into and
out of the DS3 is performed by the MX23 M23 Multiplexer Block. The MX23
contains FIFOs and performs bit stuffing for the rate adaptation of the DS2s. The
C-bits are set appropriately, with the option of inserting DS2 loopback requests.
The MX23 may be configured to generate an interrupt upon the detection of
loopback requests in the received DS3. AIS may be inserted in the any of the
6312 kbit/s tributaries in both directions. C-bit parity is supported by sourcing a
6.3062723 MHz clock, which corresponds to a stuffing ratio of 100%.
Framing to the demultiplexed 6312 kbit/s data streams is provided by the DS2
FRMR Framer. It supports both DS2 (ANSI TI.107) and CCITT Recommendation
G.747 frame formats. The maximum average reframe time is 7 ms for DS2 and
1ms for G.747. In DS2 mode, it detects far end receive failure and accumulates
M-bit and F-bit errors. In G.747 mode, it detects remote alarm and accumulates
framing word errors and parity errors. The DS2 FRMR is an off-line framer,
indication both OOF and COFA events. Error events (FERF, MERR, FERR,
PERR, RAI, framing word errors) are still indicated while the DS2 framer is
indicating OOF, based on the previous alignment.
The multiplexing and demultiplexing of the low speed tributaries into and out of a
6312 kbit/s data stream is performed by seven MX12 M12 Multiplexers. Each of
the MX12 blocks may be independently configured to multiplex and demultiplex
four 1544 kbit/s DS1s into and out of a DS2 formatted signal or to multiplex and
demultiplex three 2048 kbit/s signals into and out of a G.747 formatted signal.
Each MX12 may be independently bypassed so an external DS2 may by
multiplexed and demultiplexed directly into and out of the DS3. The MX12
contains FIFOs and performs bit stuffing to accommodate the tributary frequency
deviations. The C-bits are set appropriately, with the option of inserting DS1
loopback requests. The MX12 block may be configured to generate an interrupt
upon the detection of loopback requests in the received DS2. AIS may be
inserted in any of the low speed tributaries in both directions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com