Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 98 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 98 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 94Page - PMC-Sierra, Inc PM8313 Datasheet HTML 95Page - PMC-Sierra, Inc PM8313 Datasheet HTML 96Page - PMC-Sierra, Inc PM8313 Datasheet HTML 97Page - PMC-Sierra, Inc PM8313 Datasheet HTML 98Page - PMC-Sierra, Inc PM8313 Datasheet HTML 99Page - PMC-Sierra, Inc PM8313 Datasheet HTML 100Page - PMC-Sierra, Inc PM8313 Datasheet HTML 101Page - PMC-Sierra, Inc PM8313 Datasheet HTML 102Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
88
Register 25H: RFDL TSB Interrupt Control/Status
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
R/W
INTC1
0
Bit 1
R/W
INTC0
0
Bit 0
R
INT
0
INTC1, INTC0:
The INTC1 and INTC0 bits control when an interrupt is asserted based on the
number of received data bytes in the FIFO as follows:
INTC1
INTC0
Description
0
0
Disable interrupts (All sources)
0
1
Enable interrupt when FIFO receives
data
1
0
Enable interrupt when FIFO has 2
bytes of data
1
1
Enable interrupt when FIFO has 3
bytes of data
INT:
The INT bit reflects the status of the external RDLINT interrupt unless the
INTC1 and INTC0 bits are set to disable interrupts. In that case, the RDLINT
output is forced to 0 and the INT bit of the Interrupt Control/Status register will
reflect the state of the internal interrupt latch.
FIFO:
In addition to the FIFO fill status, interrupts are also generated for EOM (end
of message), OVR (FIFO overrun), detection of the abort sequence while not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com