Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 43 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 43 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 39Page - PMC-Sierra, Inc PM8313 Datasheet HTML 40Page - PMC-Sierra, Inc PM8313 Datasheet HTML 41Page - PMC-Sierra, Inc PM8313 Datasheet HTML 42Page - PMC-Sierra, Inc PM8313 Datasheet HTML 43Page - PMC-Sierra, Inc PM8313 Datasheet HTML 44Page - PMC-Sierra, Inc PM8313 Datasheet HTML 45Page - PMC-Sierra, Inc PM8313 Datasheet HTML 46Page - PMC-Sierra, Inc PM8313 Datasheet HTML 47Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
33
Notes on Pin Description:
All D3MX inputs and bidirectionals present minimum capacitive loading and
operate at TTL logic levels.
All D3MX digital outputs and bidirectionals have 2 mA drive capability, except the
INTB, TPOS/TDAT, TNEG/TMFP, TCLK, ROCLK, RODAT, RMFP, RMSFP, ROHP
outputs and the D7-D0 bidirectionals, which have 4 mA drive capability.
The VSSO and VSSI ground pins are not internally connected together. Failure
to connect these pins externally may cause malfunction or damage the D3MX.
The VDDO and VDDI power pins are not internally connected together. Failure to
connect these pins externally may cause malfunction or damage the D3MX.
208-pin QFP pins # 13, 28, 40, 61, 67, 73, 79, 85, 93, 113, 119, 125, 131, 140,
147, 165, 171, 178, 185, 192, 197 are all "no-connect".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com