Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 23 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 23 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 19Page - PMC-Sierra, Inc PM8313 Datasheet HTML 20Page - PMC-Sierra, Inc PM8313 Datasheet HTML 21Page - PMC-Sierra, Inc PM8313 Datasheet HTML 22Page - PMC-Sierra, Inc PM8313 Datasheet HTML 23Page - PMC-Sierra, Inc PM8313 Datasheet HTML 24Page - PMC-Sierra, Inc PM8313 Datasheet HTML 25Page - PMC-Sierra, Inc PM8313 Datasheet HTML 26Page - PMC-Sierra, Inc PM8313 Datasheet HTML 27Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
13
6
PIN DIAGRAM
The D3MX is packaged in a 208 pin PQFP package having a body size of 28 mm by 28
mm and a pin pitch of 0.5 mm.
PM8313
D3MX
D0
D1
VSSO
D2
D3
D4
D5
TD1CLK9
RD1CLK9
TD1DAT10
RD1DAT10
TD1CLK10
RD1CLK10
TD1DAT11
RD1DAT11
TD1CLK11
NC
TD1CLK15
TICLK
TCLK
TPOS/TDAT
RAIS
TNEG/TMFP
GD2CLK
RODAT
VSSO
VDDO
ROCLK
RMFP
NC
TOHCLK
TOHFP
RD1CLK11
RMSFP
TOH
TOHEN
ROHFP
TD1DAT12
RD1DAT12
TD1CLK12
ROH
ROHCLK
RLOS
RFERF
ROOF/RRED
RD1CLK12
TD1DAT13
NC
RD1DAT13
TD1CLK13
REXZ
RCLK/VCLK
VSSO
RPOS/RDAT
RNEG/RLCV
RDLCLK/RDLINT
RDLSIG/RDLEOM
RD1CLK13
TD1DAT14
RD1DAT14
TD1CLK14
RD1CLK14
VSSO
TD1DAT15
RD1DAT15
INTB
TD1DAT20
RD1CLK15
TD1DAT16
RD1DAT16
TD1CLK16
RD1CLK16
VDDO
TD1DAT17
D6
VDDO
D7
CSB
ALE
A0
A1
A2
A3
A4
A5
RD1DAT17
TD1CLK17
RD1CLK17
TD1DAT18
RD1DAT18
TD1CLK18
VSSO
RD1CLK18
TD1DAT19
RD1DAT19
TD1CLK19
RD1CLK19
PIN 1
PIN 156
PIN 52
Index
PIN 105
ROHP
NC
NC
NC
NC
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com