Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 35 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 35 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 31Page - PMC-Sierra, Inc PM8313 Datasheet HTML 32Page - PMC-Sierra, Inc PM8313 Datasheet HTML 33Page - PMC-Sierra, Inc PM8313 Datasheet HTML 34Page - PMC-Sierra, Inc PM8313 Datasheet HTML 35Page - PMC-Sierra, Inc PM8313 Datasheet HTML 36Page - PMC-Sierra, Inc PM8313 Datasheet HTML 37Page - PMC-Sierra, Inc PM8313 Datasheet HTML 38Page - PMC-Sierra, Inc PM8313 Datasheet HTML 39Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
25
Pin Name
Type
Pin No. Function
GD2CLK
Output
6
The transmit generated DS2 clock (GD2CLK)
signal is provided for use in integrated M13 or
C-bit parity multiplex applications. When
configured for M13 operation, GD2CLK is
nominally a 6.311993 MHz clock, which
corresponds to a stuffing ratio of 39.1%. When
configured for C-bit parity operation, GD2CLK
is nominally a 6.3062723 MHz clock, which
corresponds to a stuffing ratio of 100%. The
GD2CLK may be connected to the TD2CLK
input clock. GD2CLK is updated on the falling
edge of TCLK.
TD2CLK
Input
206
The transmit DS2 clock (TD2CLK) signal
provides timing for the multiplex side of all of
the MX12 TSBs. TD2CLK is nominally a 6.312
MHz, 50% duty cycle clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com