Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 89 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 89 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 85Page - PMC-Sierra, Inc PM8313 Datasheet HTML 86Page - PMC-Sierra, Inc PM8313 Datasheet HTML 87Page - PMC-Sierra, Inc PM8313 Datasheet HTML 88Page - PMC-Sierra, Inc PM8313 Datasheet HTML 89Page - PMC-Sierra, Inc PM8313 Datasheet HTML 90Page - PMC-Sierra, Inc PM8313 Datasheet HTML 91Page - PMC-Sierra, Inc PM8313 Datasheet HTML 92Page - PMC-Sierra, Inc PM8313 Datasheet HTML 93Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
79
Register 18H: DS3 EXZS Count LSB
Bit
Type
Function
Default
Bit 7
R
EXZS[7]
X
Bit 6
R
EXZS[6]
X
Bit 5
R
EXZS[5]
X
Bit 4
R
EXZS[4]
X
Bit 3
R
EXZS[3]
X
Bit 2
R
EXZS[2]
X
Bit 1
R
EXZS[1]
X
Bit 0
R
EXZS[0]
X
Register 19H: DS3 EXZS Count MSB
Bit
Type
Function
Default
Bit 7
R
EXZS[15]
X
Bit 6
R
EXZS[14]
X
Bit 5
R
EXZS[13]
X
Bit 4
R
EXZS[12]
X
Bit 3
R
EXZS[11]
X
Bit 2
R
EXZS[10]
X
Bit 1
R
EXZS[9]
X
Bit 0
R
EXZS[8]
X
These registers indicate the number of summed Excessive Zeros (EXZS) that
occurred during the previous accumulation interval. One or more excessive
zeros occurrences within an 85 bit block is counted as one summed excessive
zero.
A transfer operation of all counter registers within the selected PMON can be
triggered by writing to either EXZS Count Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com