Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 85 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 85 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 81Page - PMC-Sierra, Inc PM8313 Datasheet HTML 82Page - PMC-Sierra, Inc PM8313 Datasheet HTML 83Page - PMC-Sierra, Inc PM8313 Datasheet HTML 84Page - PMC-Sierra, Inc PM8313 Datasheet HTML 85Page - PMC-Sierra, Inc PM8313 Datasheet HTML 86Page - PMC-Sierra, Inc PM8313 Datasheet HTML 87Page - PMC-Sierra, Inc PM8313 Datasheet HTML 88Page - PMC-Sierra, Inc PM8313 Datasheet HTML 89Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
75
DLCV:
The DLCV controls the insertion of a single line code violation in the outgoing
DS3 stream. When the DLCV is set to logic 1, a line code violation is inserted
by generating an incorrect polarity of violation in the next B3ZS signature.
The data being transmitted must therefore contain periods of three
consecutive zeros in order for the line code violation to be inserted. For
example line code violations may not be inserted when transmitting AIS, but
will be inserted when transmitting the idle signal. This bit is automatically
cleared upon insertion of the line code violation.
DLOS:
The DLOS controls the insertion of loss of signal in the outgoing DS3 stream.
When DLOS is set to a logic 1, the data on outputs TPOS, TNEG, and TDAT
are forced to continuous zeros.
10.1
DS3 PMON Registers
Latching Performance Data
The DS3 Performance Monitor (PMON) data registers (16H-1FH) are updated by
the rising edge of an internal transfer clock signal. The time between successive
rising edges of the transfer clock determines the accumulation interval, which is
nominally one second. A microprocessor write to any of the PMON count data
registers causes a transfer clock and an update of the PMON data registers.
Only one register location need be written to cause an update of all PMON data
registers. The PMON is loaded with new performance data within 3 ROHCLK
periods of the trailing edge of a microprocessor write. With ROHCLK at its
nominal frequency of 526 kHz, the PMON registers should not be read until 6 µs
have elapsed since the microprocessor write was performed. The data contained
in the holding registers are subsequently read from the PMON registers by the
microprocessor. The loading is synchronized to the internal event timing so that
no events are missed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com