Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 19 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 19 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 15Page - PMC-Sierra, Inc PM8313 Datasheet HTML 16Page - PMC-Sierra, Inc PM8313 Datasheet HTML 17Page - PMC-Sierra, Inc PM8313 Datasheet HTML 18Page - PMC-Sierra, Inc PM8313 Datasheet HTML 19Page - PMC-Sierra, Inc PM8313 Datasheet HTML 20Page - PMC-Sierra, Inc PM8313 Datasheet HTML 21Page - PMC-Sierra, Inc PM8313 Datasheet HTML 22Page - PMC-Sierra, Inc PM8313 Datasheet HTML 23Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
9
4
APPLICATION EXAMPLE
Figure 1
- M1-3 Multiplexer/Demultiplexer
LIN +
NC-R
LIN -
RGND
RFO
TGN D
LOU T+
NC-T
LOU T-
R POS
RNEG
RCLK
LF1
LF2
TPOS
TN EG
TCLK
R POS
RNEG
RCLK
TPOS
TN EG
TC LK
TIC LK
TO H
TOH EN
TIM F P
TOH C LK
TOHF P
A[7:0]
D [7:0]
ALE
RDB
WR B
CSB
RSTB
RD1DAT1
R D 1CLK1
TD 1DAT1
TD 1C LK1
RD1DAT2
R D 1CLK2
TD 1DAT2
TD 1C LK2
RD1DAT3
R D 1CLK3
TD 1DAT3
TD 1C LK3
RD1DAT4
R D 1CLK4
TD 1DAT4
TD 1C LK4
•
•
•
•
•
RD1DAT28
RD1CLK28
TD1DAT28
TD 1C LK28
IN TB
AD [15:0]
ALE
RDB
WR B
R ESB
IN T
From M a ster
reset c ircuitry
From ch ip sele ct
decode circ uitry
+5V
TDD[1]
TC LKI[1]
RDD[1]
RCLKO [1]
TDD[2]
TC LKI[2]
RDD[2]
RCLKO [2]
TDD[3]
TC LKI[3]
RDD[3]
RCLKO [3]
TDD[4]
TC LKI[4]
RDD[4]
RCLKO [4]
A[8:0]
D [7:0]
ALE
RDB
WR B
CSB
RSTB
(7 Quad D SX-1/E1 line in terfaces)
TXT IP[1]
TXRING [1 ]
RXTIP[1]
RXR IN G[1]
TXT IP[2]
TXRING [2 ]
RXTIP[2]
RXR IN G[2]
TXT IP[3]
TXRING [3 ]
RXTIP[3]
RXR IN G[3]
TXT IP[4]
TXRING [4 ]
RXTIP[4]
RXR IN G[4]
IN TB
1:2
1:1.36
•
•
•
•
•
•
•
•
•
1:2
1:1.36
Note:
Use of the SSI LIU as illustrated requires that TICLK has a duty cycle of 45% min
55% max or better (e.g. using a Connor Winfield S65T3 reference oscillator).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com