Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 30 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 30 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 26Page - PMC-Sierra, Inc PM8313 Datasheet HTML 27Page - PMC-Sierra, Inc PM8313 Datasheet HTML 28Page - PMC-Sierra, Inc PM8313 Datasheet HTML 29Page - PMC-Sierra, Inc PM8313 Datasheet HTML 30Page - PMC-Sierra, Inc PM8313 Datasheet HTML 31Page - PMC-Sierra, Inc PM8313 Datasheet HTML 32Page - PMC-Sierra, Inc PM8313 Datasheet HTML 33Page - PMC-Sierra, Inc PM8313 Datasheet HTML 34Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
20
Pin Name
Type
Pin No. Function
RDLSIG/
RDLEOM
Output
32
The receive data link (RDLSIG) signal is active
when an external HDLC receiver is selected
(the REXHDLC bit in the corresponding Master
HDLC Configuration Register is a logic 1). The
RDLSIG signal carries bits extracted from the
three C-bits in M-subframe #5 by the DS3
framer. RDLSIG is held high when C-bit parity
mode is not enabled. RDLSIG is updated on
the falling edge of the corresponding RDLCLK
signal.
The receive end of message (RDLEOM) signal
is active if the internal HDLC receiver is
selected (the REXHDLC bit in the Master
HDLC Configuration Register is a logic 0). The
RDLEOM signal is asserted when the last byte
of a sequence is read from the HDLC receiver,
or if the receiver's buffer overruns. RDLEOM is
updated on the falling edge of the ROHCLK
signal. RDLEOM is deasserted when the
Interrupt Enable/Status Register is read in the
HDLC Receiver. By default, RDLEOM is an
active low open-drain output, but can be
configured as active high.
Typically, RDLEOM would be connected to the
supervising microprocessor when an external
DMA is used, signaling the microprocessor that
a complete message is ready. In this case the
RDLEOM is configured as an active-low open
drain output and wired-ORed with the INTB
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com