Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 68 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 68 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 64Page - PMC-Sierra, Inc PM8313 Datasheet HTML 65Page - PMC-Sierra, Inc PM8313 Datasheet HTML 66Page - PMC-Sierra, Inc PM8313 Datasheet HTML 67Page - PMC-Sierra, Inc PM8313 Datasheet HTML 68Page - PMC-Sierra, Inc PM8313 Datasheet HTML 69Page - PMC-Sierra, Inc PM8313 Datasheet HTML 70Page - PMC-Sierra, Inc PM8313 Datasheet HTML 71Page - PMC-Sierra, Inc PM8313 Datasheet HTML 72Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
58
stream (TDLSIG) and the TDLCLK/TDLINT pin is configured to output the
data link clock signal (TDLCLK). The TEXHDLC bit is set to logic 1 upon
reset.
REOMPOL:
The Receive End-of-Message Polarity (REOMPOL) bit determines the
assertion level of the RDLEOM output. If REOMPOL is a logic 0, the
RDLEOM output is an active low open-drain output. If REOMPOL is a logic 1,
the RDLEOM output is asserted high and always has a strong drive. If the
REXHDLC bit is a logic 1, this bit has no effect.
TUDRPOL:
The Transmit Underflow Polarity (TUDRPOL) bit determines the assertion
level of the TDLUDR output. If TUDRPOL is a logic 0, the TDLUDR output is
an active low open-drain output. If TUDRPOL is a logic 1, the TDLUDR
output is asserted high and always has a strong drive. If the TEXHDLC bit is
a logic 1, this bit has no effect.
RINTPOL:
The Receive Interrupt Polarity (RINTPOL) bit determines the assertion level
of the RDLINT output. If RINTPOL is a logic 0, the RDLINT output is an
active low open-drain output. If RINTPOL is a logic 1, the RDLINT output is
asserted high and always has a strong drive. If the REXHDLC bit is a logic 1,
this bit has no effect.
TINTPOL:
The Transmit Interrupt Polarity (TINTPOL) bit determines the assertion level
of the TDLINT output. If TINTPOL is a logic 0, the TDLINT output is an active
low open-drain output. If TINTPOL is a logic 1, the TDLINT output is asserted
high and always has a strong drive. If the TEXHDLC bit is a logic 1, this bit
has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com