Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 61 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 61 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 57Page - PMC-Sierra, Inc PM8313 Datasheet HTML 58Page - PMC-Sierra, Inc PM8313 Datasheet HTML 59Page - PMC-Sierra, Inc PM8313 Datasheet HTML 60Page - PMC-Sierra, Inc PM8313 Datasheet HTML 61Page - PMC-Sierra, Inc PM8313 Datasheet HTML 62Page - PMC-Sierra, Inc PM8313 Datasheet HTML 63Page - PMC-Sierra, Inc PM8313 Datasheet HTML 64Page - PMC-Sierra, Inc PM8313 Datasheet HTML 65Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
51
10
NORMAL MODE REGISTER DESCRIPTION
Normal mode registers are used to configure and monitor the operation of the
D3MX. Normal mode registers (as opposed to test mode registers) are selected
when TRS (A[8]) is low.
Notes on Normal Mode Register Bits:
1. Writing values into unused register bits typically has no effect. However, to
ensure software compatibility with future, feature-enhanced versions of the
product, unused register bit must be written with logic 0. Reading back
unused bits can produce either a logic 1 or a logic 0; hence unused register
bits should be masked off by software when read.
2. All configuration bits that can be written into can also be read back. This
allows the processor controlling the D3MX to determine the programming
state of the block.
3. Writeable normal mode register bits are cleared to logic 0 upon reset unless
otherwise noted.
4. Writing into read-only normal mode register bit locations does not affect
D3MX operation unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com