Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 27 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 27 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 23Page - PMC-Sierra, Inc PM8313 Datasheet HTML 24Page - PMC-Sierra, Inc PM8313 Datasheet HTML 25Page - PMC-Sierra, Inc PM8313 Datasheet HTML 26Page - PMC-Sierra, Inc PM8313 Datasheet HTML 27Page - PMC-Sierra, Inc PM8313 Datasheet HTML 28Page - PMC-Sierra, Inc PM8313 Datasheet HTML 29Page - PMC-Sierra, Inc PM8313 Datasheet HTML 30Page - PMC-Sierra, Inc PM8313 Datasheet HTML 31Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
17
Pin Name
Type
Pin No. Function
RAIS
Output
4
The receive alarm indication signal (RAIS)
indicates the presence of AIS in the received
DS3 stream. RAIS is set high when the AIS
pattern has been received for 2.23 ms or 13.5
ms (software selectable). RAIS is set low when
the AIS pattern has not been received for 2.23
ms or 13.5 ms. RAIS is updated on the falling
edge of ROHCLK.
ROOF/
Output
24
The receive out-of-frame (ROOF) signal is set
high when an out-of-frame condition is
declared. An out-of-frame is declared when 3
out of 16 (default) or 3 out of 8 consecutive F-
bit errors are detected, or when one or more M-
bit errors is detected in 3 out of 4 consecutive
M-frames. ROOF is set low when an in-frame
condition is declared. ROOF is updated on the
falling edge of ROHCLK. This ROOF signal is
available when the REDO bit in the Master
Alarm Enable register is logic 0.
RRED
The receive RED Alarm (RRED) signal is
available when the REDO bit in the Master
Alarm Enable register is logic 1. The RRED
output is set high when a DS3 out-of-frame
condition or DS3 loss of signal condition has
been present for either 2.23ms or 13.5 ms. The
RRED output is set low when a DS3 out-of-
frame condition or DS3 loss of signal condition
has been absent for either 2.23ms or 13.5 ms.
RRED is updated on the falling edge of
ROHCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com