Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 100 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 100 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 96Page - PMC-Sierra, Inc PM8313 Datasheet HTML 97Page - PMC-Sierra, Inc PM8313 Datasheet HTML 98Page - PMC-Sierra, Inc PM8313 Datasheet HTML 99Page - PMC-Sierra, Inc PM8313 Datasheet HTML 100Page - PMC-Sierra, Inc PM8313 Datasheet HTML 101Page - PMC-Sierra, Inc PM8313 Datasheet HTML 102Page - PMC-Sierra, Inc PM8313 Datasheet HTML 103Page - PMC-Sierra, Inc PM8313 Datasheet HTML 104Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
90
Register 26H: RFDL TSB Status
Bit
Type
Function
Default
Bit 7
R
FE
X
Bit 6
R
OVR
X
Bit 5
R
FLG
X
Bit 4
R
EOM
X
Bit 3
R
CRC
X
Bit 2
R
NVB2
X
Bit 1
R
NVB1
X
Bit 0
R
NVB0
X
NVB[2:0]
The NVB[2:0] bit positions indicate the number of valid bits in the Receive
Data Register byte. It is possible that not all of the bits in the Receive Data
Register are valid when the last data byte is read since the data frame can be
any number of bits in length and not necessarily an integral number of bytes.
The Receive Data Register is filled from the MSB to the LSB bit position, with
one to eight data bits being valid. The number of valid bits is equal to 1 plus
the value of NVB[2:0]. A NVB[2:0] value of 000 binary indicates that only the
MSB in the register is valid. NVB[2:0] is only valid when the EOM bit is a logic
1 and the FLG bit is a logic 1 and the OVR bit is a logic 0.
CRC:
The CRC bit is set if a CRC error was detected in the last received LAPD
frame. The CRC bit is only valid when EOM is logic 1 and FLG is a logic 1
and OVR is a logic 0.
On an interrupt generated from the detection of first flag, reading the Status
register will return invalid NVB[2:0] and CRC bits, even though the EOM bit is
logic 1 and the FLG bit is logic 1.
EOM:
The End of Message bit (EOM) follows the RDLEOM output. It is set when:
1. The last byte in the LAPD frame (EOM) is being read from the Receive
Data Register,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com