Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 103 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 103 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 99Page - PMC-Sierra, Inc PM8313 Datasheet HTML 100Page - PMC-Sierra, Inc PM8313 Datasheet HTML 101Page - PMC-Sierra, Inc PM8313 Datasheet HTML 102Page - PMC-Sierra, Inc PM8313 Datasheet HTML 103Page - PMC-Sierra, Inc PM8313 Datasheet HTML 104Page - PMC-Sierra, Inc PM8313 Datasheet HTML 105Page - PMC-Sierra, Inc PM8313 Datasheet HTML 106Page - PMC-Sierra, Inc PM8313 Datasheet HTML 107Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
93
Register 28H: MX23 Configuration
Bit
Type
Function
Default
Bit7
Unused
X
Bit6
Unused
X
Bit5
Unused
X
Bit4
Unused
X
Bit3
R/W
LBCODE[1]
0
Bit2
R/W
LBCODE[0]
0
Bit1
R/W
CBE
0
Bit0
R/W
INTE
0
INTE:
When set high, the INTE bit enables the MX23 to activate the interrupt output,
INTB, whenever any of the LBRI[7:1] bits are set high in the MX23 Loopback
Request Interrupt register. MX23 interrupts are masked when INTE is
cleared low.
CBE:
When set high, the CBE bit enables C-bit parity operation. When CBE is low,
M23 operation is enabled. While in C-bit parity mode, loopback request
detection and loopback request insertion are disabled. The generated DS2
clock, GD2CLK, is nominally 6.3062723 MHz while in C-bit parity mode,
received C bits are ignored, and transmitted C bits are set to 1. While in M23
mode, the generated DS2 clock, GD2CLK, is nominally 6.311993 MHz and C
bit decoding and encoding is fully operational.
LBCODE[1:0]:
The LBCODE[1:0] bits select the valid state for a loopback request coded in
the C-bits of the DS3 signals. Transmit and receive are not independent; the
same code is expected in the receive DS3 as is inserted in the transmitted
DS3. The following table gives the correspondence between LBCODE[1:0]
bits and the valid codes:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com