Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 52 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 52 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 48Page - PMC-Sierra, Inc PM8313 Datasheet HTML 49Page - PMC-Sierra, Inc PM8313 Datasheet HTML 50Page - PMC-Sierra, Inc PM8313 Datasheet HTML 51Page - PMC-Sierra, Inc PM8313 Datasheet HTML 52Page - PMC-Sierra, Inc PM8313 Datasheet HTML 53Page - PMC-Sierra, Inc PM8313 Datasheet HTML 54Page - PMC-Sierra, Inc PM8313 Datasheet HTML 55Page - PMC-Sierra, Inc PM8313 Datasheet HTML 56Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
42
remaining five buffer locations are enabled to be updated every M-frame or
G.747 frame.
DS2 M-bit and F-bit framing errors are indicated as are G.747 framing word
errors (or bit errors) and G.747 parity errors. These error indications are
accumulated for performance monitoring purposes in internal, microprocessor
readable counters. The performance monitoring accumulators continue to count
error indication even while the framer is indicating OOF.
The DS2 FRMR may be configured to generate interrupts on error events or
status changes. All sources of interrupts can be masked or acknowledged via
internal registers. Internal registers are also used to configure the DS2 FRMR.
8.10
M12 Multiplexer
The MX12 M12 Multiplexer integrates circuitry required to asynchronously
multiplex and demultiplex four DS1 streams into, and out of, an M12 formatted
DS2 serial stream (as defined in ANSI T1.107 Section 7) and to support
asynchronous multiplexing and demultiplexing of three 2048 kbit/s into and out of
a G.747 formatted 6312 kbit/s high speed signal (as defined in CCITT Rec.
G.747).
When multiplexing four DS1 streams into an M12 formatted DS2 stream, the
MX12 TSB performs logical inversion on the second and fourth tributary streams.
Rate adaptation to the DS2 is performed by integral FIFO buffers, controlled by
timing circuitry. The FIFO buffers accommodate in excess of 5.0 UIpp of
sinusoidal jitter on the DS1 clocks for all jitter frequencies. X, F, M, and C bits are
also generated and inserted by the timing circuitry. Software control is provided
to transmit Far End Receive Failure (FERF) indications, DS2 AIS, and DS1
payload loopback requests. The loopback request is coded by inverting one of
the three C-bits (the default option is compatible with ANSI T1.107a Section
8.2.1 and TR-TSY-000009 Section 3.7).Two diagnostic options are provided to
invert the transmitted F or M bits.
When demultiplexing four DS1 streams from an M12 formatted DS2, the MX12
performs bit destuffing via interpretation of the C-bits. The MX12 also detects
and indicates DS1 payload loopback requests encoded in the C-bits. As per
ANSI T1.107 Section 7.2.1.1 and TR-TSY-000009 Section 3.7, the loopback
command is identified as C3 being the inverse of C1 and C2. Because TR-TSY-
000233 Section 5.3.14.1 recommends compatibility with non-compliant existing
equipment, the two other loopback command possibilities are also supported. As
per TR-TSY-000009 Section 3.7, the loopback request must be present for five
successive M-frames before declaration of detection. Removal of the loopback
request is declared when it has been absent for five successive M-frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com