Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 38 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 38 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 34Page - PMC-Sierra, Inc PM8313 Datasheet HTML 35Page - PMC-Sierra, Inc PM8313 Datasheet HTML 36Page - PMC-Sierra, Inc PM8313 Datasheet HTML 37Page - PMC-Sierra, Inc PM8313 Datasheet HTML 38Page - PMC-Sierra, Inc PM8313 Datasheet HTML 39Page - PMC-Sierra, Inc PM8313 Datasheet HTML 40Page - PMC-Sierra, Inc PM8313 Datasheet HTML 41Page - PMC-Sierra, Inc PM8313 Datasheet HTML 42Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
28
Pin Name
Type
Pin No. Function
TDLEOMI
Input
204
The transmit data link end of message input
(TDLEOMI) provides a method for an external
DMA controller to signal the end of the
transmitted message to the HDLC transmitter
without needing to write to the XFDL
Configuration Register. The TDLEOMI input is
active high and must be glitch-free. It internally
sets the corresponding EOM register bit in the
XFDL Configuration register. The TDLEOMI
input may be asserted during or after the write
of the last byte of a packet but before the next
byte would be expected (within 210 µs of the
last assertion of TDLINT or the INT bit in the
XFDL Status Register). TDLEOMI must be
deasserted before the write of the first byte of
the next packet. TDLEOMI is ignored if no data
transmission is pending.
TICLK
Input
1
The transmit input clock (TICLK) provides the
transmit direction timing. TICLK is nominally a
44.736 MHz, 50% duty cycle clock. TIMFP is
sampled on the rising edge of TICLK.
TIMFP
Input
208
The transmit M-frame pulse input (TIMFP)
signal allows one to control the alignment of the
M-frame of the transmitted DS3 stream (TDAT).
The first bit (X1) of the M-frame on TDAT will
occur within several TICLK cycles and be
identified by the TMFP output signal. TIMFP
may be tied low if such control is not required.
TIMFP is sampled on the rising edge of TICLK.
TOH
Input
17
The transmit overhead data (TOH) signal
contains the overhead bits (C, F, X, P, and M)
that may be inserted in the transmitted DS3
stream. TOH is sampled on the rising edge of
TOHCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com