Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 42 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 42 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 38Page - PMC-Sierra, Inc PM8313 Datasheet HTML 39Page - PMC-Sierra, Inc PM8313 Datasheet HTML 40Page - PMC-Sierra, Inc PM8313 Datasheet HTML 41Page - PMC-Sierra, Inc PM8313 Datasheet HTML 42Page - PMC-Sierra, Inc PM8313 Datasheet HTML 43Page - PMC-Sierra, Inc PM8313 Datasheet HTML 44Page - PMC-Sierra, Inc PM8313 Datasheet HTML 45Page - PMC-Sierra, Inc PM8313 Datasheet HTML 46Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
32
Pin Name
Type
Pin No. Function
ALE
Input
46
The address latch enable (ALE) is active high
and latches the address bus (A7-A0) and TRS
when low. When ALE is high, the internal
address latches are transparent. It allows the
D3MX to interface to a multiplexed
address/data bus. The ALE input has an
integral pull up resistor.
VDDI1
VDDI2
Power
60
189
The core power (VDDI) pins should be
connected to a well decoupled +5 V DC in
common with VDDO.
VSSI1
VSSI2
Ground
59
191
The core ground (VSSI) pins should be
connected to GND in common with VSSO.
VDDO1
VDDO2
VDDO3
VDDO4
VDDO5
VDDO6
Power
199
9
43
95
121
164
The pad ring power (VDDO) pins should be
connected to a well decoupled +5 V DC in
common with VDDI.
VSSO1
VSSO2
VSSO3
VSSO4
VSSO5
VSSO6
VSSO7
VSSO8
VSSO9
VSSO10
Ground
200
8
36
96
111
163
183
27
80
132
The pad ring ground (VSSO) pins should be
connected to GND in common with VSSI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com