Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 86 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 86 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 82Page - PMC-Sierra, Inc PM8313 Datasheet HTML 83Page - PMC-Sierra, Inc PM8313 Datasheet HTML 84Page - PMC-Sierra, Inc PM8313 Datasheet HTML 85Page - PMC-Sierra, Inc PM8313 Datasheet HTML 86Page - PMC-Sierra, Inc PM8313 Datasheet HTML 87Page - PMC-Sierra, Inc PM8313 Datasheet HTML 88Page - PMC-Sierra, Inc PM8313 Datasheet HTML 89Page - PMC-Sierra, Inc PM8313 Datasheet HTML 90Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
76
Register 11H: DS3 PMON Interrupt Enable/Status
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
R/W
INTE
0
Bit 1
R
INTR
0
Bit 0
R
OVR
0
OVR:
The overrun (OVR) bit indicates the overrun status of the holding registers. A
logic 1 in this bit position indicates that a previous interrupt has not been
cleared before the end of the next accumulation interval, and that the
contents of the holding registers have been overwritten. A logic 0 indicates
that no overrun has occurred. This bit is reset to logic 0 when this register is
read.
INTR:
The interrupt (INTR) bit indicates the current status of the internal interrupt
signal. A logic 1 in this bit position indicates that a transfer of counter values
to the holding registers has occurred; a logic 0 indicates that no transfer has
occurred. The INTR bit is set to logic 0 when this register is read. The value
of the INTR bit is not affected by the value of the INTE bit.
INTE:
A logic 1 in the INTE bit position enables the DS3 PMON to generate a
microprocessor interrupt and assert the INTB output when the counter values
are transferred to the holding registers. A logic 0 in the INTE bit position
disables the DS3 PMON from generating an interrupt. When the TSB is
reset, the INTE bit is set to logic 0, disabling the interrupt. The interrupt is
cleared when this register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com