Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 24 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 24 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 20Page - PMC-Sierra, Inc PM8313 Datasheet HTML 21Page - PMC-Sierra, Inc PM8313 Datasheet HTML 22Page - PMC-Sierra, Inc PM8313 Datasheet HTML 23Page - PMC-Sierra, Inc PM8313 Datasheet HTML 24Page - PMC-Sierra, Inc PM8313 Datasheet HTML 25Page - PMC-Sierra, Inc PM8313 Datasheet HTML 26Page - PMC-Sierra, Inc PM8313 Datasheet HTML 27Page - PMC-Sierra, Inc PM8313 Datasheet HTML 28Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
14
7
PIN DESCRIPTION
Pin Name
Type
Pin No. Function
RCLK/
VCLK
Input
26
The receive input clock (RCLK) provides timing
for the receive side of the D3MX. RCLK is
nominally a 44.736 MHz, 50% duty cycle clock.
The test vector clock (VCLK) signal is used
during D3MX production testing to verify
internal functionality.
RPOS/
RDAT
Input
29
The positive input pulse (RPOS) signal
represents the positive pulses received on the
B3ZS-encoded line when configured for dual
rail reception. The receive data input (RDAT)
signal represents the unipolar DS3 input
stream when configured for single rail
operation. Both RPOS and RDAT are sampled
on the rising edge of RCLK by default and may
be enabled to be sampled on the falling edge of
RCLK.
RNEG/
RLCV
Input
30
The negative input pulse (RNEG) signal
represents the negative pulses received on the
B3ZS-encoded line when configured for dual
rail reception. Line code violations (LCVs) may
be input on the receive line code violation
(RLCV) signal when configured for single rail
operation. Both RNEG and RLCV are sampled
on the rising edge of RCLK by default and may
be enabled to be sampled on the falling edge of
RCLK.
ROCLK
Output
10
The receive output clock (ROCLK) signal
provides timing for downstream processing.
ROCLK is nominally a 44.736 MHz, 50% duty
cycle clock. RODAT, RMFP, RMSFP, RLOS,
REXZ and ROHP are updated on the falling
edge of ROCLK. ROCLK is a buffered version
of RCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com