Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 40 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 40 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 36Page - PMC-Sierra, Inc PM8313 Datasheet HTML 37Page - PMC-Sierra, Inc PM8313 Datasheet HTML 38Page - PMC-Sierra, Inc PM8313 Datasheet HTML 39Page - PMC-Sierra, Inc PM8313 Datasheet HTML 40Page - PMC-Sierra, Inc PM8313 Datasheet HTML 41Page - PMC-Sierra, Inc PM8313 Datasheet HTML 42Page - PMC-Sierra, Inc PM8313 Datasheet HTML 43Page - PMC-Sierra, Inc PM8313 Datasheet HTML 44Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
30
Pin Name
Type
Pin No. Function
TNEG/
TMFP
Output
5
The transmit negative pulse (TNEG) signal
represents the negative pulses transmitted on
the B3ZS-encoded line when configured for
dual rail operation. TNEG is updated on the
falling edge of TCLK by default but may be
enabled to be updated on the rising edge of
TCLK.
The transmit multiframe pulse (TMFP) signal
marks the transmit M-frame alignment when
configured for single rail operation. The TMFP
output is high during the first bit (X1) of the
DS3 multiframe presented on TDAT. TMFP is
updated on the falling edge of TCLK by default
but may be enabled to be updated on the rising
edge of TCLK.
INTB
Output
33
The active low interrupt (INTB) signal goes low
when one of the DS3 FRMR, RBOC, DS2
FRMR, MX12, MX23 or PMON TSBs generates
an interrupt, provided that the interrupt source
in question is not masked. INTB goes high
when the Interrupt Enable/Status Register is
read in the corresponding TSB. Note that INTB
will remain low until all active, unmasked
interrupt sources are acknowledged. The INTB
signal is an open drain output.
CSB
Input
45
The active low chip select (CSB) signal is low
during D3MX register accesses. CSB must go
high at least once after a powerup to clear
internal test modes. If CSB is not used, then it
should be tied to an inverted version of RSTB,
in which case RDB and WRB determine
register accesses
RDB
Input
57
The active low read enable (RDB) signal is low
during D3MX register read accesses. The
D3MX drives the D7-D0 bus with the contents
of the addressed register while RDB and CSB
are low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com