Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 44 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 44 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 40Page - PMC-Sierra, Inc PM8313 Datasheet HTML 41Page - PMC-Sierra, Inc PM8313 Datasheet HTML 42Page - PMC-Sierra, Inc PM8313 Datasheet HTML 43Page - PMC-Sierra, Inc PM8313 Datasheet HTML 44Page - PMC-Sierra, Inc PM8313 Datasheet HTML 45Page - PMC-Sierra, Inc PM8313 Datasheet HTML 46Page - PMC-Sierra, Inc PM8313 Datasheet HTML 47Page - PMC-Sierra, Inc PM8313 Datasheet HTML 48Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
34
8
FUNCTIONAL DESCRIPTION
8.1
DS3 Framer
The DS3 Framer (FRMR) Block integrates circuitry required for decoding a
B3ZS-encoded signal and framing to the resulting DS3 bit stream. The FRMR is
directly compatible with the M23 and C-bit parity DS3 applications.
The FRMR decodes a B3ZS-encoded signal and provides indications of line
code violations. The B3ZS decoding algorithm and the LCV definition can
independently be chosen via software. Loss of signal is also detected.
The framing algorithm examines five F-bit candidates simultaneously. When at
least one discrepancy has occurred in all the candidates, the algorithm examines
the next set of candidates. When a single F-bit candidate remains in a set, the
first bit in the supposed M-subframe is examined for the M-frame alignment
signal (i.e. the M-bits, M1,M2,M3, are following the 010 pattern). Framing is
declared if the M-bits are correct for three consecutive M-frames while no
discrepancies have occurred in the F-bits. During the examination of the M-bits
the X-bits and P-bits are ignored. The algorithm gives a maximum average
reframe time of less than 1.5 ms.
Once in-frame, the FRMR provides indications of the M-frame and M-subframe
boundaries, and identifies the overhead bit positions in the incoming DS3 signal.
While the FRMR is in-frame, the F-bit and M-bit positions in the DS3 stream are
examined. Out-of-frame is declared when 3 F-bit errors out of 16 consecutive F-
bits or 8 consecutive F-bits are observed (selectable by the M3O8 bit), or when
one or more M-bit errors are detected in 3 out of 4 consecutive M-frames. The
M-bit error criteria for OOF can be disabled via the MBDIS bit in the DS3 Framer
configuration register. The 3 out of 8 consecutive F-bits out-of-frame ratio
provides more robust operation in the presence of a 10-3 bit error rate than the 3
out of 16 consecutive F-bits ratio (less than one false OOF every minute verses
one false OOF every 6 seconds, respectively); either choice of out-of-frame ratios
allows an out-of-frame to be declared quickly when the M-subframe alignment
patterns or, optionally, when the M-frame alignment is lost.
Also while in-frame, M-bit or F-bit framing bit errors and P-bit parity errors are
indicated. When C-bit parity mode is enabled, both C-bit parity errors and far
end block errors are indicated. These error indications, as well as the line code
violation and excessive zeros indication, may be accumulated over 1 second
intervals with the T3 Performance Monitor (PMON). Note that the framer is an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com