Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 56 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 56 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 52Page - PMC-Sierra, Inc PM8313 Datasheet HTML 53Page - PMC-Sierra, Inc PM8313 Datasheet HTML 54Page - PMC-Sierra, Inc PM8313 Datasheet HTML 55Page - PMC-Sierra, Inc PM8313 Datasheet HTML 56Page - PMC-Sierra, Inc PM8313 Datasheet HTML 57Page - PMC-Sierra, Inc PM8313 Datasheet HTML 58Page - PMC-Sierra, Inc PM8313 Datasheet HTML 59Page - PMC-Sierra, Inc PM8313 Datasheet HTML 60Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
46
DS1/E1 Demultiplex Loopback allows each of the four demultiplexed DS1 or E1
streams to be looped back into the MX12 and ultimately multiplexed into the
transmit DS3 stream, overriding the tributary DS1 or E1 stream coming from the
T1DAT and T1CLK inputs. This loopback mode is shown diagrammatically,
below:
Figure 5
- DS1/E1 Demultiplex Loopback
M X 12 # 7
F
R
M
R
M X 12 # 6
F
R
M
R
M X 12 # 5
F
R
M
R
M X 12 # 4
F
R
M
R
M X 12 # 3
F
R
M
R
M X 12 # 2
F
R
M
R
DS3
FR M R
DS3
TR A N
MX 2 3
M X 12 # 1
F
R
M
R
RC LK
R POS /
RD AT
RN EG /
R LCV
TC LK
TP OS /
TD A T
TN EG/
TMFP
RD 1D AT n
RD 1C LK n
T D 1 D ATn
TD1 C L Kn
D S 1/E 1 T rib utary Lo opb ac k pa th
O p tional
DE MU X AIS
Inse rtion
8.12
Microprocessor Interface
The Microprocessor Interface Block provides normal and test mode registers, the
interrupt logic, and the logic required to connect to the Microprocessor Interface.
The normal mode registers are required for normal operation, and test mode
registers are used to enhance the testability of the D3MX. The register set is
accessed as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com