Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 235 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 235 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 231Page - Microchip Technology LAN9250 Datasheet HTML 232Page - Microchip Technology LAN9250 Datasheet HTML 233Page - Microchip Technology LAN9250 Datasheet HTML 234Page - Microchip Technology LAN9250 Datasheet HTML 235Page - Microchip Technology LAN9250 Datasheet HTML 236Page - Microchip Technology LAN9250 Datasheet HTML 237Page - Microchip Technology LAN9250 Datasheet HTML 238Page - Microchip Technology LAN9250 Datasheet HTML 239Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 235
LAN9250
7
Unidirectional Ability
This bit indicates whether the PHY is able to transmit regardless of whether
the PHY has determined that a valid link has been established.
0: Can only transmit when a valid link has been established
1: Can transmit regardless
RO
0b
6
MF Preamble Suppression
This bit indicates whether the PHY accepts management frames with the pre-
amble suppressed.
0: Management frames with preamble suppressed not accepted
1: Management frames with preamble suppressed accepted
RO
0b
5
Auto-Negotiation Complete
This bit indicates the status of the Auto-Negotiation process.
0: Auto-Negotiation process not completed
1: Auto-Negotiation process completed
RO
0b
4
Remote Fault
This bit indicates if a remote fault condition has been detected.
0: No remote fault condition detected
1: Remote fault condition detected
RO/LH
0b
3
Auto-Negotiation Ability
This bit indicates the PHY’s Auto-Negotiation ability.
0: PHY is unable to perform Auto-Negotiation
1: PHY is able to perform Auto-Negotiation
RO
1b
2
Link Status
This bit indicates the status of the link.
0: Link is down
1: Link is up
RO/LL
0b
1
Jabber Detect
This bit indicates the status of the jabber condition.
0: No jabber condition detected
1: Jabber condition detected
RO/LH
0b
0
Extended Capability
This bit indicates whether extended register capability is supported.
0: Basic register set capabilities only
1: Extended register set capabilities
RO
1b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com