Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 52 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 52 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 48Page - Microchip Technology LAN9250 Datasheet HTML 49Page - Microchip Technology LAN9250 Datasheet HTML 50Page - Microchip Technology LAN9250 Datasheet HTML 51Page - Microchip Technology LAN9250 Datasheet HTML 52Page - Microchip Technology LAN9250 Datasheet HTML 53Page - Microchip Technology LAN9250 Datasheet HTML 54Page - Microchip Technology LAN9250 Datasheet HTML 55Page - Microchip Technology LAN9250 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 421 page
background image
LAN9250
DS00001913A-page 52
 2015 Microchip Technology Inc.
5
Wake On Status (WOL_STS)
This bit indicates that a Wake-Up, Magic Packet, Perfect DA, or Broadcast
frame was detected by the Host MAC.
In order to clear this bit, it is required that the event in the Host MAC be
cleared as well. The event sources are described in Section 6.3, "Power
Management," on page 44.
R/WC
0b
4
RESERVED
RO
-
3
PME Indication (PME_IND)
The PME signal can be configured as a pulsed output or a static signal,
which is asserted upon detection of a wake-up event. When set, the PME
signal will pulse active for 50mS upon detection of a wake-up event. When
cleared, the PME signal is driven continuously upon detection of a wake-up
event.
0: PME driven continuously on detection of event
1: PME 50mS pulse on detection of event
The PME signal can be deactivated by clearing the above status bit(s) or by
clearing the appropriate enable(s).
R/W
0b
2
PME Polarity (PME_POL)
This bit controls the polarity of the PME signal. When set, the PME output is
an active high signal. When cleared, it is active low.
Note:
When PME is configured as an open-drain output, this field is
ignored and the output is always active low.
0: PME active low
1: PME active high
R/W
NASR
0b
1
PME Enable (PME_EN)
When set, this bit enables the external PME signal pin. When cleared, the
external PME signal is disabled.
Note:
This bit does not affect the PME_INT interrupt bit of the Interrupt
Status Register (INT_STS).
0: PME pin disabled
1: PME pin enabled
R/W
0b
0
Device Ready (READY)
When set, this bit indicates that the device is ready to be accessed. Upon
power-up, RST# reset, return from power savings states, Host MAC module
level reset or digital reset, the host processor may interrogate this field as an
indication that the device has stabilized and is fully active.
This rising edge of this bit will assert the Device Ready (READY) bit in
INT_STS and can cause an interrupt if enabled.
Note:
With the exception of the HW_CFG, PMT_CTRL, BYTE_TEST, and
RESET_CTL registers, read access to any internal resources is
forbidden while the READY bit is cleared. Writes to any address
are invalid until this bit is set.
Note:
This bit is identical to bit 27 of the Hardware Configuration Register
(HW_CFG).
RO
0b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com