Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 163 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 163 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 159Page - Microchip Technology LAN9250 Datasheet HTML 160Page - Microchip Technology LAN9250 Datasheet HTML 161Page - Microchip Technology LAN9250 Datasheet HTML 162Page - Microchip Technology LAN9250 Datasheet HTML 163Page - Microchip Technology LAN9250 Datasheet HTML 164Page - Microchip Technology LAN9250 Datasheet HTML 165Page - Microchip Technology LAN9250 Datasheet HTML 166Page - Microchip Technology LAN9250 Datasheet HTML 167Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 163
LAN9250
11.11.2.2
TX Command ‘B’
11.11.3
TX DATA FORMAT
The TX data section begins at the third DWORD in the TX buffer (after TX command ‘A’ and TX command ‘B’). The
location of the first byte of valid buffer data to be transmitted is specified in the “Data Start Offset” field of the TX com-
mand ‘A’ word. Table 11-14, "TX DATA Start Offset", shows the correlation between the setting of the LSBs in the “Data
Start Offset” field and the byte location of the first valid data byte. Additionally, transmit buffer data can be offset by up
to 7 additional DWORDS as indicated by the upper three MSBs (5:2) in the “Data Start Offset” field.
TX data is contiguous until the end of the buffer. The buffer may end on a byte boundary. Unused bytes at the end of
the packet will not be sent to the Host MAC Interface Layer for transmission.
The Buffer End Alignment field in TX command ‘A’ specifies the alignment that must be maintained for the associated
buffer. End alignment may be specified as 4-, 16-, or 32-byte. The host processor is responsible for adding the additional
data to the end of the buffer. The hardware will automatically remove this extra data.
11.11.3.1
TX Buffer Fragmentation Rules
Transmit buffers must adhere to the following rules:
• Each buffer can start and end on any arbitrary byte alignment
• The first buffer of any transmit packet can be any length
• Middle buffers (i.e., those with First Segment = Last Segment = 0) must be greater than, or equal to 4 bytes in
length
• The final buffer of any transmit packet can be any length
TABLE 11-13: TX COMMAND 'B' FORMAT
Bits
Description
31:16
Packet Tag.
The host should write a unique packet identifier to this field. This identifier is added to the
corresponding TX status word and can be used by the host to correlate TX status words with their cor-
responding packets.
The use of packet tags is not required by the hardware. This field can be used by the LAN software
driver for any application. Packet Tags is one application example.
15
Reserved.
This bit is reserved. Always write zero to this bit to guarantee future compatibility.
14
TX Checksum Enable (CK).
When this bit is set in conjunction with the first segment (FS) bit in TX
Command ‘A’ and the TX Checksum Offload Engine Enable (TX_COE_EN) bit in the Host MAC
Checksum Offload Engine Control Register (HMAC_COE_CR), the TX checksum offload engine
(TXCOE) will calculate a L3 checksum for the associated frame.
13
Add CRC Disable.
When set, the automatic addition of the CRC is disabled.
12
Disable Ethernet Frame Padding.
When set, this bit prevents the automatic addition of padding to an
Ethernet frame of less than 64 bytes. The CRC field is also added despite the state of the Add CRC
Disable field.
11
Reserved.
These bits are reserved. Always write zeros to this field to guarantee future compatibility.
10:0
Packet Length (bytes).
This field indicates the total number of bytes in the current packet. This length
does not include the offset or padding. If the Packet Length field does not match the actual number of
bytes in the packet the Transmitter Error (TXE) flag will be set.
TABLE 11-14: TX DATA START OFFSET
Data Start Offset [1:0]:
11
10
01
00
First TX Data Byte:
D[31:24]
D[23:16]
D[15:8]
D[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com