Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 168 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 168 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 164Page - Microchip Technology LAN9250 Datasheet HTML 165Page - Microchip Technology LAN9250 Datasheet HTML 166Page - Microchip Technology LAN9250 Datasheet HTML 167Page - Microchip Technology LAN9250 Datasheet HTML 168Page - Microchip Technology LAN9250 Datasheet HTML 169Page - Microchip Technology LAN9250 Datasheet HTML 170Page - Microchip Technology LAN9250 Datasheet HTML 171Page - Microchip Technology LAN9250 Datasheet HTML 172Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 421 page
background image
LAN9250
DS00001913A-page 168
 2015 Microchip Technology Inc.
11.11.6.3
TX Example 3
In this example a single, 111-Byte Ethernet packet will be transmitted with a TX checksum. This packet is divided into
four buffers. The four buffers are as follows:
Buffer 0:
• 4-Byte “Data Start Offset”
• 4-Byte Checksum Preamble
• 16-Byte “Buffer End Alignment”
Buffer 1:
• 7-Byte “Data Start Offset”
• 79-Bytes of payload data
• 16-Byte “Buffer End Alignment”
Buffer 2:
• 0-Byte “Data Start Offset”
• 15-Bytes of payload data
• 16-Byte “Buffer End Alignment”
Buffer 3:
• 10-Byte “Data Start Offset”
• 17-Bytes of payload data
• 16-Byte “Buffer End Alignment”
Figure 11-12, "TX Example 1" illustrates the TX command structure for this example, and also shows how data is passed
to the TX data FIFO.
Note:
In order to perform a TX checksum calculation on the associated packet, bit 14 (CK) of the TX Command
‘B’ must be set in conjunction with bit 13 (FS) of TX Command ‘A’ and the TX Checksum Offload Engine
Enable (TX_COE_EN) bit of the Host MAC Checksum Offload Engine Control Register (HMAC_COE_CR).
For more information, refer to Section 11.8, "Transmit Checksum Offload Engine (TXCOE)".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com