Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 177 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 177 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 173Page - Microchip Technology LAN9250 Datasheet HTML 174Page - Microchip Technology LAN9250 Datasheet HTML 175Page - Microchip Technology LAN9250 Datasheet HTML 176Page - Microchip Technology LAN9250 Datasheet HTML 177Page - Microchip Technology LAN9250 Datasheet HTML 178Page - Microchip Technology LAN9250 Datasheet HTML 179Page - Microchip Technology LAN9250 Datasheet HTML 180Page - Microchip Technology LAN9250 Datasheet HTML 181Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 177
LAN9250
11.14.1
FIFO LEVEL INTERRUPT REGISTER (FIFO_INT)
This read/write register configures the limits where the RX/TX Data and Status FIFO’s will generate system interrupts.
Offset:
068h
Size:
32 bits
Bits
Description
Type
Default
31:24
TX Data Available Level
The value in this field sets the level, in number of 64 Byte blocks, at which the
TX Data FIFO Available Interrupt (TDFA) will be generated. When the TX
Data FIFO free space is greater than this value, a TX Data FIFO Available
Interrupt (TDFA) will be generated in the Interrupt Status Register (INT_STS).
R/W
48h
23:16
TX Status Level
The value in this field sets the level, in number of DWORDs, at which the TX
Status FIFO Level Interrupt (TSFL) will be generated. When the TX Status
FIFO used space is greater than this value, a TX Status FIFO Level Interrupt
(TSFL) will be generated in the Interrupt Status Register (INT_STS).
R/W
00h
15:8
RESERVED
RO
-
7:0
RX Status Level
The value in this field sets the level, in number of DWORDs, at which the RX
Status FIFO Level Interrupt (RSFL) will be generated. When the RX Status
FIFO used space is greater than this value, a RX Status FIFO Level Interrupt
(RSFL) will be generated in the Interrupt Status Register (INT_STS).
R/W
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com