Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 102 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 102 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 98Page - Dallas Semiconductor DS26401 Datasheet HTML 99Page - Dallas Semiconductor DS26401 Datasheet HTML 100Page - Dallas Semiconductor DS26401 Datasheet HTML 101Page - Dallas Semiconductor DS26401 Datasheet HTML 102Page - Dallas Semiconductor DS26401 Datasheet HTML 103Page - Dallas Semiconductor DS26401 Datasheet HTML 104Page - Dallas Semiconductor DS26401 Datasheet HTML 105Page - Dallas Semiconductor DS26401 Datasheet HTML 106Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
102
8.22 Interfacing the T1 Rx Framer to the BERT
Data from the DS26401 receive framer can be ported to the on-chip BERT by using the registers described below.
Either framed or unframed data can be provided to the BERT, controlled by the RBFUS bit in the RBICR. Any single
DS0 or combination of DS0s can be extracted from the data stream up to the entire T1 payload, as controlled by the
RBCS registers.
Note that one BERT resource is shared among all 8 framers. Therefore, the RBEN bit should be set for only one
framer at a time. If multiple framers have the RBEN bit set, the lower number framer is assigned the resource.
Details concerning the on-chip BERT can be found in Section 12.
Register Name:
RBICR
Register Description:
Receive BERT Interface Control Register
Register Address:
08Ah + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
RBDC
RBFUS
RBEN
Default
0
0
0
0
0
0
0
0
Bit 0 / Receive BERT Enable (RBEN)
0 = Receive BERT is not assigned to this framer.
1 = Receive BERT is assigned to this framer.
Bit 1 / Receive BERT Framed/Unframed Select (RBFUS)
0 = The framer does not provide data from the F-bit position (framed).
1 = The framer clocks data from the F-bit position (unframed).
Bit 2 / Receive BERT Direction Control (RBDC)
0 = Receive Path: The BERT receives data from the network side via RPOS and RNEG.
1 = Backplane: The BERT receives data from the system backplane via the TSER pin.
Bits 3–7 / Unused. Must be set = 0 for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com