Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 104 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 104 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 100Page - Dallas Semiconductor DS26401 Datasheet HTML 101Page - Dallas Semiconductor DS26401 Datasheet HTML 102Page - Dallas Semiconductor DS26401 Datasheet HTML 103Page - Dallas Semiconductor DS26401 Datasheet HTML 104Page - Dallas Semiconductor DS26401 Datasheet HTML 105Page - Dallas Semiconductor DS26401 Datasheet HTML 106Page - Dallas Semiconductor DS26401 Datasheet HTML 107Page - Dallas Semiconductor DS26401 Datasheet HTML 108Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
104
9. T1 TRANSMIT
9.1 T1 Transmit Register Map
ADDRESS
TYPE
FUNCTION
NAME
PAGE
100
—
Unused
—
—
101
—
Unused
—
—
102
—
Unused
—
—
103
—
Unused
—
—
104
—
Unused
—
—
105
—
Unused
—
—
106
—
Unused
—
—
107
—
Unused
—
—
108
—
Unused
—
—
109
—
Unused
—
—
10A
—
Unused
—
—
10B
—
Unused
—
—
10C
—
Unused
—
—
10D
—
Unused
—
—
10E
—
Unused
—
—
10F
—
Unused
—
—
110
R/W
Tx HDLC Control 1
THC1
248
111
R/W
Tx HDLC Bit Suppress
THBSE
249
112
—
Unused
—
—
113
R/W
Tx HDLC Control 2
THC2
249
114
—
Unused
—
—
115
—
Unused
—
—
116
—
Unused
—
—
117
—
Unused
—
—
118
R/W
Tx Software Signaling Insertion Enable 1
SSIE1
121
119
R/W
Tx Software Signaling Insertion Enable 2
SSIE2
121
11A
R/W
Tx Software Signaling Insertion Enable 3
SSIE3
121
11B
—
Unused
—
—
11C
R/W
Tx Test Register 1
TTEST1
—
11D
R/W
Tx Test Register 2
TTEST2
—
11E
R/W
Tx Test Register 3
TTEST3
—
11F
R/W
Tx Test Register 4
TTEST4
—
120
R/W
Tx Idle Definition 1
TIDR1
233
121
R/W
Tx Idle Definition 2
TIDR2
233
122
R/W
Tx Idle Definition 3
TIDR3
233
123
R/W
Tx Idle Definition 4
TIDR4
233
124
R/W
Tx Idle Definition 5
TIDR5
233
125
R/W
Tx Idle Definition 6
TIDR6
233
126
R/W
Tx Idle Definition 7
TIDR7
233
127
R/W
Tx Idle Definition 8
TIDR8
233
128
R/W
Tx Idle Definition 9
TIDR9
233
129
R/W
Tx Idle Definition 10
TIDR10
233
12A
R/W
Tx Idle Definition 11
TIDR11
233
12B
R/W
Tx Idle Definition 12
TIDR12
233
12C
R/W
Tx Idle Definition 13
TIDR13
233
12D
R/W
Tx Idle Definition 14
TIDR14
233
12E
R/W
Tx Idle Definition 15
TIDR15
233
12F
R/W
Tx Idle Definition 16
TIDR16
233
130
R/W
Tx Idle Definition 17
TIDR17
233
131
R/W
Tx Idle Definition 18
TIDR18
233
132
R/W
Tx Idle Definition 19
TIDR19
233
133
R/W
Tx Idle Definition 20
TIDR20
233
134
R/W
Tx Idle Definition 21
TIDR21
233
135
R/W
Tx Idle Definition 22
TIDR22
233
136
R/W
Tx Idle Definition 23
TIDR23
233



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com