Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 108 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 108 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 104Page - Dallas Semiconductor DS26401 Datasheet HTML 105Page - Dallas Semiconductor DS26401 Datasheet HTML 106Page - Dallas Semiconductor DS26401 Datasheet HTML 107Page - Dallas Semiconductor DS26401 Datasheet HTML 108Page - Dallas Semiconductor DS26401 Datasheet HTML 109Page - Dallas Semiconductor DS26401 Datasheet HTML 110Page - Dallas Semiconductor DS26401 Datasheet HTML 111Page - Dallas Semiconductor DS26401 Datasheet HTML 112Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
108
9.2 T1 Transmit Formatter Description and Operation
Eight fully independent DS1/E1 transmit formatters are included within the DS26401. The formatters are designed
to interface seamlessly to the line via an external LIU. Each port can be individually programmed to transmit AMI,
B8ZS, HDB3, or NRZ data. In T1 mode each formatter supports D4 (SF), ESF, and SLC-96 frame formats, and
transmits common alarms such as AIS, RAI, AIS-CI, and RAI-CI.
Each framer also has an HDLC controller which can be mapped into a single time slot, or Sa4 to Sa8 bits (E1
Mode) or the FDL (T1 Mode) and has 64 byte FIFO buffers in both the transmit and receive paths. The user can
select any specific bits within the time slot(s) to assign to the HDLC controllers, as well as specific Sa bits (E1
Mode).
The HDLC controllers perform all the necessary overhead for generating and receiving Performance Report
Messages (PRM) as described in ANSI T1.403 and the messages as described in AT&T TR54016. The controllers
automatically generate and detects flags, generate and check the CRC check sum, generate and detect abort
sequences, stuff and de-stuff zeros, and byte align to the data stream. The large FIFO buffers allow a full PRM to
be received or transmitted without host intervention.
Other features contained within each framer include a BOC generator and a 16-bit loop code generator. Host
interface is simplified with status registers optimized for either interrupt driven or polled environments. In many
cases, status bits are reported both real-time and latched on change-of-state with separate bits for each state
change. Most latched bits can be enabled to generate an external interrupt on the INT pin.
Additional details concerning the operation of the DS1 formatter are included within the register descriptions within
this section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com