Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 111 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 111 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 107Page - Dallas Semiconductor DS26401 Datasheet HTML 108Page - Dallas Semiconductor DS26401 Datasheet HTML 109Page - Dallas Semiconductor DS26401 Datasheet HTML 110Page - Dallas Semiconductor DS26401 Datasheet HTML 111Page - Dallas Semiconductor DS26401 Datasheet HTML 112Page - Dallas Semiconductor DS26401 Datasheet HTML 113Page - Dallas Semiconductor DS26401 Datasheet HTML 114Page - Dallas Semiconductor DS26401 Datasheet HTML 115Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
111
Register Name:
TCR2
Register Description:
Transmit Control Register 2
Register Address:
182h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
TFDLS
TSLC96
—
FBCT2
FBCT1
TD4RM
PDE
TB7ZS
Default
0
0
0
0
0
0
0
0
Bit 0 / Transmit Side Bit 7 Zero Suppression Enable (TB7ZS)
0 = no stuffing occurs
1 = force bit 7 to a one as determined by the GB7S bit at TCR1.3
Bit 1 / Pulse Density Enforcer Enable (PDE).
The framer always examines both the transmit and receive data
streams for violations of the following rules which are required by ANSI T1.403: no more than 15 consecutive zeros
and at least N ones in each and every time window of 8 x (N +1) bits where N = 1 through 23. Violations for the
transmit and receive data streams are reported in the TLS1.3 and RLS2.7 bits respectively. When this bit is set to
one, the DS26401 will force the transmitted stream to meet this requirement no matter the content of the
transmitted stream. When running B8ZS, this bit should be set to zero since B8ZS encoded data streams cannot
violate the pulse density requirements.
0 = disable transmit pulse density enforcer
1 = enable transmit pulse density enforcer
Bit 2 / Transmit D4 RAI Select (TD4RM)
0 = zeros in bit 2 of all channels
1 = a one in the S-bit position of frame 12
Bit 3 / F Bit Corruption Type 1. (FBCT1).
A low-to-high transition of this bit causes the next three consecutive Ft
(D4 framing mode) or FPS (ESF framing mode) bits to be corrupted causing the remote end to experience a loss of
synchronization.
Bit 4 / F Bit Corruption Type 2. (FBCT2).
Setting this bit high enables the corruption of one Ft (D4 framing mode)
or FPS (ESF framing mode) bit in every 128 Ft or FPS bits as long as the bit remains set.
Bit 5 / Unused. Must be set = 0 for proper operation.
Bit 6 / Transmit SLC–96 (TSLC96).
Set this bit to a one in SLC-96 framing applications. Must be set to source the
SLC-96 alignment pattern and data from the TSLC1-3 registers. See Section 8.12 for details.
0 = SLC–96 insertion disabled
1 = SLC–96 insertion enabled
Bit 7 / TFDL Register Select (TFDLS)
0 = source FDL or Fs bits from the internal TFDL register or the SLC-96 data formatter (TCR2.6)
1 = source FDL or Fs bits from the internal HDLC controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com