Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 113 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 113 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 109Page - Dallas Semiconductor DS26401 Datasheet HTML 110Page - Dallas Semiconductor DS26401 Datasheet HTML 111Page - Dallas Semiconductor DS26401 Datasheet HTML 112Page - Dallas Semiconductor DS26401 Datasheet HTML 113Page - Dallas Semiconductor DS26401 Datasheet HTML 114Page - Dallas Semiconductor DS26401 Datasheet HTML 115Page - Dallas Semiconductor DS26401 Datasheet HTML 116Page - Dallas Semiconductor DS26401 Datasheet HTML 117Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
113
Register Name:
TCR4
Register Description:
Transmit Control Register 4
Register Address:
186h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
TRAIM
TAISM
TC1
TC0
Default
0
0
0
0
0
0
0
0
Bits 0 to 1 / Transmit Code Length Definition Bits (TC0 to TC1)
TC1
TC0
Length Selected (bits)
0
0
5
0
1
6 / 3
1
0
7
1
1
16 / 8 / 4 / 2 / 1
Bit 2 / Transmit AIS Mode (TAISM).
Determines the pattern sent when TAIS (TCR1.1) is activated.
0 = transmit normal AIS (unframed all ones) upon activation with TCR1.1
1 = transmit AIS-CI (T1.403) upon activation with TCR1.1
Bit 3 / Transmit RAI Mode (TRAIM).
Determines the pattern sent when TRAI (TCR1.0) is activated in ESF frame
mode only.
0 = transmit normal RAI upon activation with TCR1.0
1 = transmit RAI-CI (T1.403) upon activation with TCR1.0
Bits 4–7 / Unused. Must be set = 0 for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com