Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 116 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 116 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 112Page - Dallas Semiconductor DS26401 Datasheet HTML 113Page - Dallas Semiconductor DS26401 Datasheet HTML 114Page - Dallas Semiconductor DS26401 Datasheet HTML 115Page - Dallas Semiconductor DS26401 Datasheet HTML 116Page - Dallas Semiconductor DS26401 Datasheet HTML 117Page - Dallas Semiconductor DS26401 Datasheet HTML 118Page - Dallas Semiconductor DS26401 Datasheet HTML 119Page - Dallas Semiconductor DS26401 Datasheet HTML 120Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
116
Register Name:
TLS1
Register Description:
Transmit Latched Status Register 1
Register Address:
190h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
TESF
TESEM
TSLIP
TSLC96
TPDV
TMF
LOTCC
LOTC
Default
0
0
0
0
0
0
0
0
All bits in this register are latched and can cause interrupts.
Bit 0 / Loss of Transmit Clock Condition (LOTC).
Set when the TCLK pin has not transitioned for approximately
3 clock periods. Will force the LOTC pin high if enabled. This bit can be cleared by the host even if the condition is
still present. The LOTC pin will remain high while the condition exists, even if the host has cleared the status bit.
If enabled by TIM1.0, the INT pin will transition low when this bit is set, and transition high when this bit is cleared (if
no other unmasked interrupt conditions exist).
Bit 1 / Loss of Transmit Clock Condition Clear (LOTCC).
Set when the LOTC condition has cleared (a clock has
been sensed at the TCLK pin).
Bit 2 / Transmit Multiframe Event (TMF).
Set every 1.5ms on D4 MF boundaries or every 3ms on ESF MF
boundaries.
Bit 3 / Transmit Pulse Density Violation Event (TPDV).
Set when the transmit data stream does not meet the
ANSI T1.403 requirements for pulse density.
Bit 4 / Transmit SLC96 Multiframe Event (TSLC96).
When enabled by TCR2.6, this bit will set once per SLC96
multiframe (72 frames) to alert the host that new data may be written to the TSLC1-TSLC3 registers. See section
9.16.
Bit 5 / Transmit Elastic Store Slip Occurrence Event (TSLIP).
Set when the transmit elastic store has either
repeated or deleted a frame.
Bit 6 / Transmit Elastic Store Empty Event (TESEM).
Set when the transmit elastic store buffer empties and a
frame is repeated.
Bit 7 / Transmit Elastic Store Full Event (TESF).
Set when the transmit elastic store buffer fills and a frame is
deleted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com