Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 121 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 121 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 117Page - Dallas Semiconductor DS26401 Datasheet HTML 118Page - Dallas Semiconductor DS26401 Datasheet HTML 119Page - Dallas Semiconductor DS26401 Datasheet HTML 120Page - Dallas Semiconductor DS26401 Datasheet HTML 121Page - Dallas Semiconductor DS26401 Datasheet HTML 122Page - Dallas Semiconductor DS26401 Datasheet HTML 123Page - Dallas Semiconductor DS26401 Datasheet HTML 124Page - Dallas Semiconductor DS26401 Datasheet HTML 125Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
121
Register Name:
TS1 TO TS12
Register Description:
Transmit Signaling Registers (T1 MODE)
Register Address:
140h – 14Bh [+ (200h x n) : where n = 0 to 7, for Ports 1 to 8]
(MSB)
(LSB)
CH1-A
CH1-B
CH1-C
CH1-D
CH13-A
CH13-B
CH13-C
CH13-D
TS1
CH2-A
CH2-B
CH2-C
CH2-D
CH14-A
CH14-B
CH14-C
CH14-D
TS2
CH3-A
CH3-B
CH3-C
CH3-D
CH15-A
CH15-B
CH15-C
CH15-D
TS3
CH4-A
CH4-B
CH4-C
CH4-D
CH16-A
CH16-B
CH16-C
CH16-D
TS4
CH5-A
CH5-B
CH5-C
CH5-D
CH17-A
CH17-B
CH17-C
CH17-D
TS5
CH6-A
CH6-B
CH6-C
CH6-D
CH18-A
CH18-B
CH18-C
CH18-D
TS6
CH7-A
CH7-B
CH7-C
CH7-D
CH19-A
CH19-B
CH19-C
CH19-D
TS7
CH8-A
CH8-B
CH8-C
CH8-D
CH20-A
CH20-B
CH20-C
CH20-D
TS8
CH9-A
CH9-B
CH9-C
CH9-D
CH21-A
CH21-B
CH21-C
CH21-D
TS9
CH10-A
CH10-B
CH10-C
CH10-D
CH22-A
CH22-B
CH22-C
CH22-D
TS10
CH11-A
CH11-B
CH11-C
CH11-D
CH23-A
CH23-B
CH23-C
CH23-D
TS11
CH12-A
CH12-B
CH12-C
CH12-D
CH24-A
CH24-B
CH24-C
CH24-D
TS12
Note: In D4 framing mode, the C and D bits are not used.
Register Name:
SSIE1, SSIE2, SSIE3
Register Description:
Software Signaling Insertion Enable Registers
Register Address:
118h, 119h, 11Ah [+ (200h x n) : where n = 0 to 7, for Ports 1 to 8]
(MSB)
(LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
SSIE1
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
SSIE2
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
SSIE3
Bits 0 to 7 / Software Signaling Insertion Enable for Channels 1 to 24 (SSIEx).
These bits determine which
channels are to have signaling inserted form the Transmit Signaling registers.
0 = do not source signaling data from the TS registers for this channel
1 = source signaling data from the TS registers for this channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com