Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 124 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 124 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 120Page - Dallas Semiconductor DS26401 Datasheet HTML 121Page - Dallas Semiconductor DS26401 Datasheet HTML 122Page - Dallas Semiconductor DS26401 Datasheet HTML 123Page - Dallas Semiconductor DS26401 Datasheet HTML 124Page - Dallas Semiconductor DS26401 Datasheet HTML 125Page - Dallas Semiconductor DS26401 Datasheet HTML 126Page - Dallas Semiconductor DS26401 Datasheet HTML 127Page - Dallas Semiconductor DS26401 Datasheet HTML 128Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
124
9.11 T1 Transmit Channel Blocking Registers
The Receive Channel blocking Registers (RCBR1 / RCBR2 / RCBR3 / RCBR4) and the Transmit Channel Blocking
Registers (TCBR1 / TCBR2 / TCBR3 / TCHR4) control RCHBLK and TCHBLK pins respectively. The RCHBLK and
TCHBLK pins are user programmable outputs that can be forced either high or low during individual channels.
When the appropriate bits are set to a one, the RCHBLK and TCHBLK pin will be held high during the entire
corresponding channel time.
Register Name:
TCBR1, TCBR2, TCBR3, TCBR4
Register Description:
Transmit Channel Blocking Registers
Register Address:
1C4h, 1C5h, 1C6h, 1C7h [+ (200h x n) : where n = 0 to 7, for Ports 1
to 8]
(MSB)
(LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
TCBR1
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
TCBR2
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
TCBR3
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25/Fbit
TCBR4*
Bits 0 to 7 / Transmit Channels 1 to 32 Channel Blocking Control Bits (CH1 to CH32)
0 = force the TCHBLK pin to remain low during this channel time
1 = force the TCHBLK pin high during this channel time
In T1 mode, the LSB of TCBR4 determines whether or not the TCHBLK signal will pulse high during
the F-Bit time:
TCBR4.0 = 0, do not pulse TCHBLK during the F-Bit
TCBR4.0 = 1, pulse TCHBLK during the F-Bit
In this mode, TCBR4.1 to TCBR4.7 should be set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com