Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 128 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 128 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 124Page - Dallas Semiconductor DS26401 Datasheet HTML 125Page - Dallas Semiconductor DS26401 Datasheet HTML 126Page - Dallas Semiconductor DS26401 Datasheet HTML 127Page - Dallas Semiconductor DS26401 Datasheet HTML 128Page - Dallas Semiconductor DS26401 Datasheet HTML 129Page - Dallas Semiconductor DS26401 Datasheet HTML 130Page - Dallas Semiconductor DS26401 Datasheet HTML 131Page - Dallas Semiconductor DS26401 Datasheet HTML 132Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
128
9.12.3 Mapping T1 Channels from a 2.048MHz Backplane
Setting the TSCLKM bit in TIOCR.4 will enable the transmit elastic store to operate with a 2.048MHz backplane (32
time slots/frame). In this mode, the user can chose which of the backplane channels on TSER will be mapped into
the T1 data stream by programming the Transmit Blank Channel Select registers (TBCS1–4). A logic 1 in the
associated bit location will force the transmit elastic store to ignore backplane data for that channel. Typically, the
user will want to program eight channels to be ignored. The default (power-up) configuration will ignore channels 25
to 32, so that the first 24 backplane channels are mapped into the T1 transmit data stream.
For example, if the user desired to transmit data from the 2.048MHz backplane channels 2–16 and 18–26, the
TBCS registers should be programmed as follows:
TBCS1 = 01h // ignore backplane channel 1 //
TBCS2 = 00h
TBCS3 = 01h // ignore backplane channel 17 //
TBCS4 = FCh // ignore backplane channels 27-32 //
Register Name:
TBCS1, TBCS2, TBCS3, TBCS4
Register Description:
Transmit Blank Channel Select Registers
Register Address:
1C0h, 1C1h, 1C2h, 1C3h [+ (200h x n) : where n = 0 to 7, for Ports 1 to 8]
(MSB)
(LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
TBCS1
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
TBCS2
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
TBCS3
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
TBCS4
Bits 0 to 7 / Transmit Blank Channel Select for Channels 1 to 32 (TBCS1 to 32)
0 = transmit TSER data from this channel
1 = ignore TSER data from this channel
Note that when two or more sequential channels are chosen to be ignored, the receive slip zone select bit should be
set to zero. If the ignore channels are distributed (such as 1, 5, 9, 13, 17, 21, 25, 29) then the RSZS bit can be set
to one, which may provide a lower occurrence of slips in certain applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com