Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 129 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 129 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 125Page - Dallas Semiconductor DS26401 Datasheet HTML 126Page - Dallas Semiconductor DS26401 Datasheet HTML 127Page - Dallas Semiconductor DS26401 Datasheet HTML 128Page - Dallas Semiconductor DS26401 Datasheet HTML 129Page - Dallas Semiconductor DS26401 Datasheet HTML 130Page - Dallas Semiconductor DS26401 Datasheet HTML 131Page - Dallas Semiconductor DS26401 Datasheet HTML 132Page - Dallas Semiconductor DS26401 Datasheet HTML 133Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
129
9.13 Fractional T1 Support (Gapped Clock Mode)
The DS26401 can be programmed to output gapped clocks for selected channels in the receive and transmit paths
to simplify connections into a USART or LAPD controller in Fractional T1/E1 or ISDN–PRI applications. When the
gapped clock feature is enabled, a gated clock is output on the TCHCLK signal. The channel selection is controlled
via the transmit gapped clock channel select registers (TGCCS1-TGCCS4). The transmit path is enabled for
gapped clock mode with the TGCLKEN bit (TESCR.6). Both 56kbps and 64kbps channel formats are supported as
determined by TESCR.7. When 56kbps mode is selected, the clock corresponding to the Data/Control bit in the
channel is omitted (only the seven most significant bits of the channel have clocks).
Register Name:
TGCCS1, TGCCS2, TGCCS3, TGCCS4
Register Description:
Transmit Gapped Clock Channel Select Registers
Register Address:
1CCh, 1CDh, 1CEh, 1CFh [+ (200h x n) : where n = 0 to 7, for Ports 1 to
8]
(MSB)
(LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
TGCCS1
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
TGCCS2
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
TGCCS3
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25/Fbit
TGCCS4*
Bits 0 to 7 / Transmit Channels 1 to 32 Gapped Clock Channel Select Bits (CH1 to CH32)
0 = no clock is present on TCHCLK during this channel time
1 = force a clock on TCHCLK during this channel time. The clock will be synchronous with TCLK if the
elastic store is disabled, and synchronous with TSYSCLK if the elastic store is enabled.
* Note that TGCCS4 has two functions:
When 2.048MHz backplane mode is selected, this register allows the user to enable the 'gapped' clock on
TCHCLK for any of the 32 possible backplane channels.
When 1.544MHz backplane mode is selected, the LSB of this register determines whether or not a clock is
generated on TCHCLK during the F-Bit time:
TGCCS4.0 = 0, do not generate a clock during the F-Bit
TGCCS4.0 = 1, generate a clock during the F-Bit
In this mode, TGCCS4.1 to TGCCS4.7 should be set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com