Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 201 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 201 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 197Page - Dallas Semiconductor DS26401 Datasheet HTML 198Page - Dallas Semiconductor DS26401 Datasheet HTML 199Page - Dallas Semiconductor DS26401 Datasheet HTML 200Page - Dallas Semiconductor DS26401 Datasheet HTML 201Page - Dallas Semiconductor DS26401 Datasheet HTML 202Page - Dallas Semiconductor DS26401 Datasheet HTML 203Page - Dallas Semiconductor DS26401 Datasheet HTML 204Page - Dallas Semiconductor DS26401 Datasheet HTML 205Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
201
10.16.1 HDLC FIFO Control
Control of the receive FIFO is accomplished via the Receive HDLC FIFO Control (RHFC). The FIFO Control
register sets the watermarks for the receive FIFO.
When the receive FIFO fills above the high watermark, the RHWM bit (RRTS5.1) will be set. RHWM is a real-time
bit and will remain set as long as the receive FIFO’s write pointer is above the watermark. If enabled, this condition
can also cause an interrupt via the INT pin.
Register Name:
RHFC
Register Description:
Receive HDLC FIFO Control Register
Register Address:
087h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
RFHWM1
RFHWM0
Default
0
0
0
0
0
0
0
0
Bits 0 to 1 / Receive FIFO High Watermark Select (RFHWM0 to RFHWM1)
RFHWM1
RFHWM0
Receive FIFO Watermark
(bytes)
0
0
4
0
1
16
1
0
32
1
1
48
Bits 2 to 7/ Unused. Must be set = 0 for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com