Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 202 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 202 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 198Page - Dallas Semiconductor DS26401 Datasheet HTML 199Page - Dallas Semiconductor DS26401 Datasheet HTML 200Page - Dallas Semiconductor DS26401 Datasheet HTML 201Page - Dallas Semiconductor DS26401 Datasheet HTML 202Page - Dallas Semiconductor DS26401 Datasheet HTML 203Page - Dallas Semiconductor DS26401 Datasheet HTML 204Page - Dallas Semiconductor DS26401 Datasheet HTML 205Page - Dallas Semiconductor DS26401 Datasheet HTML 206Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
202
10.16.2 Receive Packet Bytes Available
The lower 6 bits of the Receive Packet Bytes Available register indicates the number of bytes (0 through 64) that
can be read from the receive FIFO. The value indicated by this register informs the host as to how many bytes can
be read from the receive FIFO without going past the end of a message. This value will refer to one of four
possibilities, the first part of a packet, the continuation of a packet, the last part of a packet, or a complete packet.
After reading the number of bytes indicated by this register the host then checks the HDLC Status register for
detailed message status.
If the value in the RHPBA register refers to the beginning portion of a message or continuation of a message then
the MSB of the RHPBA register will return a value of 1. This indicates that the host may safely read the number of
bytes returned by the lower 6 bits of the RHPBA register but there is no need to check the information register since
the packet has not yet terminated (successfully or otherwise).
Register Name:
RHPBA
Register Description:
Receive HDLC Packet Bytes Available Register
Register Address:
0B5h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
MS
RPBA6
RPBA5
RPBA4
RPBA3
RPBA2
RPBA1
RPBA0
Default
0
0
0
0
0
0
0
0
Bits 0 to 6 / Receive FIFO Packet Bytes Available Count (RPBA0 to RPBA6).
RPBA0 is the LSB.
Bit 7 / Message Status (MS)
0 = Bytes indicated by RPBA0 through RPBA6 are the end of a message. Host must check the HDLC
Status register for details.
1 = Bytes indicated by RPBA0 through RPBA6 are the beginning or continuation of a message. The host
does not need to check the HDLC Status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com