Electronic Components Datasheet Search
  English  ▼

X  

DS3141 Datasheet(PDF) 56 Page - Dallas Semiconductor

Part # DS3141
Description  Single/Dual/Triple/Quad DS3/E3 Framers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3141 Datasheet(HTML) 56 Page - Dallas Semiconductor

Back Button DS3141 Datasheet HTML 52Page - Dallas Semiconductor DS3141 Datasheet HTML 53Page - Dallas Semiconductor DS3141 Datasheet HTML 54Page - Dallas Semiconductor DS3141 Datasheet HTML 55Page - Dallas Semiconductor DS3141 Datasheet HTML 56Page - Dallas Semiconductor DS3141 Datasheet HTML 57Page - Dallas Semiconductor DS3141 Datasheet HTML 58Page - Dallas Semiconductor DS3141 Datasheet HTML 59Page - Dallas Semiconductor DS3141 Datasheet HTML 60Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 88 page
background image
DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers
56 of 88
Register Name:
HCR2
Register Description:
HDLC Control Register 2
Register Address:
51h
Bit #
7
6
5
4
3
2
1
0
Name
N/A
RHWMS2
RHWMS1
RHWMS0
N/A
TLWMS2
TLWMS1
TLWMS0
Default
—
0
0
0
—
0
0
0
Bits 2 to 0: Transmit Low Watermark Select Bits (TLWMS[2:0]). These control bits determine when the HDLC
controller should set the TLWM status bit in the HSR register. When the transmit FIFO contains less than the
number of bytes specified by these bits, the TLWM status bit is set to logic 1.
TLWMS[2:0]
TRANSMIT LOW WATERMARK (BYTES)
000
16
001
48
010
80
011
112
100
144
101
176
110
208
111
240
Bits 4 to 6: Receive High Watermark Select Bits (RHWMS[2:0]). These control bits determine when the HDLC
controller should set the RHWM status bit in the HSR register. When the receive FIFO contains more than the
number of bytes specified by these bits, the RHWM status bit is set to logic 1.
RHWMS[2:0]
RECEIVE HIGH WATERMARK (BYTES)
000
16
001
48
010
80
011
112
100
144
101
176
110
208
111
240
Register Name:
HSR
Register Description:
HDLC Status Register
Register Address:
54h
Bit #
7
6
5
4
3
2
1
0
Name
N/A
N/A
N/A
N/A
RHWM
TLWM
N/A
N/A
Default
—
—
—
—
—
—
—
—
Bit 2: Transmit FIFO Low Watermark (TLWM). This real-time status bit is set to 1 when the transmit FIFO
contains less than the number of bytes configured by TLWMS[2:0] control bits in the HCR2 register. This bit is
cleared when the FIFO fills beyond the low watermark.
Bit 3: Receive FIFO High Watermark (RHWM). This real-time status bit is set to 1 when the receive FIFO
contains more than the number of bytes configured by the RHWMS[2:0] control bits in the HCR2 register. This bit is
cleared when the FIFO empties below the high watermark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com