Electronic Components Datasheet Search
  English  ▼

X  

DS3141 Datasheet(PDF) 43 Page - Dallas Semiconductor

Part # DS3141
Description  Single/Dual/Triple/Quad DS3/E3 Framers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3141 Datasheet(HTML) 43 Page - Dallas Semiconductor

Back Button DS3141 Datasheet HTML 39Page - Dallas Semiconductor DS3141 Datasheet HTML 40Page - Dallas Semiconductor DS3141 Datasheet HTML 41Page - Dallas Semiconductor DS3141 Datasheet HTML 42Page - Dallas Semiconductor DS3141 Datasheet HTML 43Page - Dallas Semiconductor DS3141 Datasheet HTML 44Page - Dallas Semiconductor DS3141 Datasheet HTML 45Page - Dallas Semiconductor DS3141 Datasheet HTML 46Page - Dallas Semiconductor DS3141 Datasheet HTML 47Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 88 page
background image
DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers
43 of 88
Register Name:
FECR1
Register Description:
Frame Error Count Register 1
Register Address:
24h
Bit #
7
6
5
4
3
2
1
0
Name
FE7
FE6
FE5
FE4
FE3
FE2
FE1
FE0
Default
0
0
0
0
0
0
0
0
Register Name:
FECR2
Register Description:
Frame Error Count Register 2
Register Address:
25h
Bit #
7
6
5
4
3
2
1
0
Name
FE15
FE14
FE13
FE12
FE11
FE10
FE9
FE8
Default
0
0
0
0
0
0
0
0
Bits 0 to 15: Frame Error Count (FE[15:0]). This count register contains the value of the internal framer error
counter latched during the last error counter update. The internal counter counts either the number of OOF
occurrences or the number of framing bit errors received. The type of counting is configured through the FECC[1:0]
control bits in the T3E3CR2 register. The possible configurations are shown below.
FECC[1:0]
Frame Error-Count Register (FECR1) Configuration
00
DS3 Mode: Count OOF occurrences
E3 Mode: Count OOF occurrences
01
DS3 Mode: Count both F-bit and M-bit errors
E3 Mode: Count bit errors in the FAS word
10
DS3 Mode: Count only F-bit errors
E3 Mode: Count word errors in the FAS word
11
DS3 Mode: Count only M-bit errors
E3 Mode: Illegal state
When the counter is configured to count OOF occurrences, it increments by one each time the framer loses receive
synchronization. When the counter is configured to count framing bit errors, the counter can be configured through
the ECC control bit in the T3E3CR2 register to either continue counting frame bit errors during an OOF event or
not.
Register Name:
PCR1
Register Description:
P-Bit Parity Error Count Register 1
Register Address:
26h
Bit #
7
6
5
4
3
2
1
0
Name
PE7
PE6
PE5
PE4
PE3
PE2
PE1
PE0
Default
0
0
0
0
0
0
0
0
Register Name:
PCR2
Register Description:
P-Bit Parity Error Count Register 2
Register Address:
27h
Bit #
7
6
5
4
3
2
1
0
Name
PE15
PE14
PE13
PE12
PE11
PE10
PE9
PE8
Default
0
0
0
0
0
0
0
0
Bits 0 to 15: P-Bit Parity Error Count (PE[15:0]). This count register contains the value of the internal P-bit parity
error counter latched during the last error counter update. The internal counter counts the number of DS3 P-bit
parity errors. In E3 mode this counter is meaningless and should be ignored. A P-bit parity error is defined as an
occurrence when the two P bits in a DS3 frame do not match one another or when the two P bits do not match the
parity calculation made on the information bits. Through the ECC control bit in the T3E3CR2 register, the counter
can be configured to either continue counting P-bit parity errors during an OOF event or not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com