Electronic Components Datasheet Search
  English  ▼

X  

DS3141 Datasheet(PDF) 34 Page - Dallas Semiconductor

Part # DS3141
Description  Single/Dual/Triple/Quad DS3/E3 Framers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3141 Datasheet(HTML) 34 Page - Dallas Semiconductor

Back Button DS3141 Datasheet HTML 30Page - Dallas Semiconductor DS3141 Datasheet HTML 31Page - Dallas Semiconductor DS3141 Datasheet HTML 32Page - Dallas Semiconductor DS3141 Datasheet HTML 33Page - Dallas Semiconductor DS3141 Datasheet HTML 34Page - Dallas Semiconductor DS3141 Datasheet HTML 35Page - Dallas Semiconductor DS3141 Datasheet HTML 36Page - Dallas Semiconductor DS3141 Datasheet HTML 37Page - Dallas Semiconductor DS3141 Datasheet HTML 38Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 88 page
background image
DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers
34 of 88
Register Name:
T3E3CR2
Register Description:
DS3/E3 Control Register
Register Address:
11h
Bit #
7
6
5
4
3
2
1
0
Name
FRESYNC
N/A
TFEBE
AFEBED
ECC
FECC1
FECC0
E3CVE
Default
0
—
0
0
0
0
0
0
Bit 0: E3 Code Violation Enable (E3CVE). This bit is ignored in the DS3 mode. In E3 mode, this bit is used to
configure the bipolar violation count register (BPVCR1) to count either bipolar violations (BPV) or code violations
(CV). A BPV is defined as consecutive pulses (or marks) of the same polarity that are not part of an HDB3
codeword. A CV is defined in ITU O.161 as consecutive BPVs of the same polarity.
0 = count BPVs
1 = count CVs
Bits 1, 2: Frame Error-Counting Control (FECC[1:0])
FECC[1:0]
FRAME ERROR-COUNT REGISTER (FECR1) CONFIGURATION
00
DS3 Mode: Count OOF occurrences
E3 Mode: Count OOF occurrences
01
DS3 Mode: Count both F-bit and M-bit errors
E3 Mode: Count bit errors in the FAS word
10
DS3 Mode: Count only F-bit errors
E3 Mode: Count word errors in the FAS word
11
DS3 Mode: Count only M-bit errors
E3 Mode: Illegal state
Bit 3: Error-Counting Control (ECC). This bit is used to control whether the framer increments certain error
counters during OOF conditions. It only affects the error counters that deal with framing overhead:
Frame Error-Count Register (FECR1) (when it is configured to count frame errors, not OOFs)
DS3 P-Bit Parity Error-Count Register (PCR1)
DS3 CP-Bit Parity Error-Count Register (CPCR1)
DS3 Far-End Block Error-Count Register (FEBECR1)
When this bit is logic 0, these error counters are not allowed to increment during OOF conditions. When this bit is
logic 1, these error counters are allowed to increment during OOF conditions.
0 = do not allow the FECR/PCR/CPCR/FEBECR error counters to increment during OOF
1 = allow the FECR/PCR/CPCR/FEBECR error counters to increment during OOF
Bit 4: Automatic FEBE Defeat (AFEBED). This bit is ignored in E3 mode and in M23 DS3 mode. When this bit is
low, the framer automatically inserts FEBE codes into the transmit data stream by setting all three C bits in M-
subframe 4 to logic 0. A FEBE condition occurs when any received M bits or F bits are in error, or when the
received CP bits indicate a parity error or when the receiver is in the OOF condition.
0 = automatically insert FEBE codes in the transmit data stream based on detected errors
1 = use the TFEBE control to determine the state of the FEBE codes
Bit 5: Transmit FEBE Setting (TFEBE). This bit is only active when AFEBED is logic 1. When this bit is logic 0,
the formatter forces the FEBE code to 111. When this bit is set logic 1, the formatter forces the FEBE code to 000.
0 = force FEBE to 111 (null state)
1 = force FEBE to 000 (active state)
Bit 7: Force Receive Framer Resynchronization (FRESYNC). A 0-to-1 transition on this bit causes the receive
framer to resynchronize. This bit must be cleared and set again for a subsequent resynchronization to occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com