Electronic Components Datasheet Search
  English  ▼

X  

DS3141 Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS3141
Description  Single/Dual/Triple/Quad DS3/E3 Framers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3141 Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS3141 Datasheet HTML 12Page - Dallas Semiconductor DS3141 Datasheet HTML 13Page - Dallas Semiconductor DS3141 Datasheet HTML 14Page - Dallas Semiconductor DS3141 Datasheet HTML 15Page - Dallas Semiconductor DS3141 Datasheet HTML 16Page - Dallas Semiconductor DS3141 Datasheet HTML 17Page - Dallas Semiconductor DS3141 Datasheet HTML 18Page - Dallas Semiconductor DS3141 Datasheet HTML 19Page - Dallas Semiconductor DS3141 Datasheet HTML 20Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 88 page
background image
DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers
16 of 88
ADDR
[7:0]
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
2Bh
FEBECR2
FEBE15
FEBE14
FEBE13
FEBE12
FEBE11
FEBE10
FEBE9
FEBE8
30h
BCR1
BM1
BM0
BENA
TINV
RINV
RESYNC
TC
LC
31h
BCR2
N/A
PS2
PS1
PS0
RPL3
RPL2
RPL1
RPL0
32h
BCR3
N/A
N/A
N/A
N/A
EIB2
EIB1
EIB0
SBE
33h
BCR4
AWC7
AWC6
AWC5
AWC4
AWC3
AWC2
AWC1
AWC0
38h
BSR
N/A
N/A
RA1
RA0
N/A
BBCO
BECO
SYNC
39h
BSRL
N/A
N/A
RA1L
RA0L
BEDL
BBCOL
BECOL
SYNCL
3Ah
BSRIE
N/A
N/A
N/A
N/A
BEDIE
BBCOIE
BECOIE
SYNCIE
3Ch
BRPR1
RP7
RP6
RP5
RP4
RP3
RP2
RP1
RP0
3Dh
BRPR2
RP15
RP14
RP13
RP12
RP11
RP10
RP9
RP8
3Eh
BRPR3
RP23
RP22
RP21
RP20
RP19
RP18
RP17
RP16
3Fh
BRPR4
RP31
RP30
RP29
RP28
RP27
RP26
RP25
RP24
40h
BBCR1
BBC7
BBC6
BBC5
BBC4
BBC3
BBC2
BBC1
BBC0
41h
BBCR2
BBC15
BBC14
BBC13
BBC12
BBC11
BBC10
BBC9
BBC8
42h
BBCR3
BBC23
BBC22
BBC21
BBC20
BBC19
BBC18
BBC17
BBC16
43h
BBCR4
BBC31
BBC30
BBC29
BBC28
BBC27
BBC26
BBC25
BBC24
44h
BBECR1
BEC7
BEC6
BEC5
BEC4
BEC3
BEC2
BEC1
BEC0
45h
BBECR2
BEC15
BEC14
BEC13
BEC12
BEC11
BEC10
BEC9
BEC8
46h
BBECR3
BEC23
BEC22
BEC21
BEC20
BEC19
BEC18
BEC17
BEC16
50h
HCR1
RHR
THR
RID
TID
TFS
TZSD
TCRCI
TCRCD
51h
HCR2
N/A
RHWMS2
RHWMS1
RHWMS0
N/A
TLWMS2
TLWMS1
TLWMS0
54h
HSR
N/A
N/A
N/A
N/A
RHWM
TLWM
N/A
N/A
55h
HSRL
ROVRL
RPEL
RPSL
RABTL
RHWML
TLWML
TUDRL
TENDL
56h
HSRIE
ROVRIE
RPEIE
RPSIE
RABTIE
RHWMIE
TLWMIE
TUDRIE
TENDIE
57h
HIR
N/A
N/A
REMPTY
TEMPTY
TFL3
TFL2
TFL1
TFL0
5Ch
RHDLC1
D7
D6
D5
D4
D3
D2
D1
D0
5Dh
RHDLC2
N/A
N/A
N/A
N/A
PS1
PS0
CBYTE
OBYTE
5Eh
THDLC1
D7
D6
D5
D4
D3
D2
D1
D0
5Fh
THDLC2
N/A
N/A
N/A
N/A
N/A
N/A
N/A
TMEND
60h
FCR
N/A
N/A
N/A
N/A
N/A
RFR
TFS1
TFS0
61h
FSR
N/A
N/A
N/A
N/A
RFFE
RFI
RFCD
TFI
62h
FSRL
N/A
N/A
N/A
RFFOL
RFFNL
RFIL
RFCDL
TFIL
63h
FSRIE
N/A
N/A
N/A
RFFOIE
RFFNIE
RFIIE
RFCDIE
TFIIE
64h
TFEACA
N/A
N/A
TFCA5
TFCA4
TFCA3
TFCA2
TFCA1
TFCA0
65h
TFEACB
N/A
N/A
TFCB5
TFCB4
TFCB3
TFCB2
TFCB1
TFCB0
66h
RFEAC
N/A
N/A
RFF5
RFF4
RFF3
RFF2
RFF1
RFF0
-
Note 1. Bits that are underlined are read-only bits. Bits that are marked “N/A” are unused and undefined.
Note 2: Framer addresses 70h, 71h, and 7Ch–7Fh are factory test registers. During normal operation, these registers should not be written and
should be ignored when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com