Electronic Components Datasheet Search
  English  ▼

X  

DS3141 Datasheet(PDF) 40 Page - Dallas Semiconductor

Part # DS3141
Description  Single/Dual/Triple/Quad DS3/E3 Framers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3141 Datasheet(HTML) 40 Page - Dallas Semiconductor

Back Button DS3141 Datasheet HTML 36Page - Dallas Semiconductor DS3141 Datasheet HTML 37Page - Dallas Semiconductor DS3141 Datasheet HTML 38Page - Dallas Semiconductor DS3141 Datasheet HTML 39Page - Dallas Semiconductor DS3141 Datasheet HTML 40Page - Dallas Semiconductor DS3141 Datasheet HTML 41Page - Dallas Semiconductor DS3141 Datasheet HTML 42Page - Dallas Semiconductor DS3141 Datasheet HTML 43Page - Dallas Semiconductor DS3141 Datasheet HTML 44Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 88 page
background image
DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers
40 of 88
Table 7-E. DS3 Alarm Criteria
ALARM/
CONDITION
FUNCTION
SET CRITERIA
CLEAR CRITERIA
AIS
Alarm Indication Signal. Properly
framed 1010... pattern (starting
with 1 after each overhead bit),
all C bits set to 0
In each 84-bit information field, the
properly aligned 1010... pattern is
detected with fewer than four bit
errors (out of 84 possible) for 1024
consecutive information bit fields
(1.95ms) and all C bits are
majority decoded to be 0 during
this time.
In each 84-bit information field, the
properly aligned 1010... pattern is
detected with four or more bit errors
(out of 84 possible) for 1024
consecutive information bit fields
(1.95ms)
RUA1
Unframed All-Ones
Four or fewer 0s in two
consecutive 4760-bit frames
Five or more 0s in two consecutive
4760-bit frames
LOS
Loss of Signal
192 consecutive 0s
No EXZ events over a 192-bit
window that starts with the first 1
received
OOF
Out of Frame. Too many F bits or
M bits in error.
Three or more F bits in error out of
16 consecutive, or two or more M
bits in error out of four consecutive
No errors in six consecutive sets of
four F bits followed by two
consecutive frames with no M bits
errors, X bits matching and P bits
matching
SEF
Severely Errored Frame
Three or more F bits in error out of
16 consecutive F bits
In sync (OOF = 0) and fewer than
three F bits in error out of 16
consecutive F bits
RAI
Remote Alarm Indication (Also
referred to as SEF/AIS in
Bellcore GR-820.)
X1 = X2 = 0 (active)
X1 = X2 = 1 (inactive)
X1 = X2 = 0 for four consecutive
M-frames (426
ms)
X1 = X2 = 1 for four consecutive M-
frames (426
ms)
T3IDLE
DS3 Idle Signal. Properly framed
1100... pattern (starting with 11
after each overhead bit), the C
bits in M-subframe 3 set to 0
In each 84-bit information field, the
properly aligned 1100... pattern is
detected with fewer than four bit
errors (out of 84 possible) for 1024
consecutive information bit fields
(1.95ms), and the C bits in M-
subframe 3 are majority decoded
to be 0 during this time
In each 84-bit information field, the
properly aligned 1100... pattern is
detected with four or more bit errors
(out of 84 possible) for 1024
consecutive information bit fields
(1.95ms)
Table 7-F. E3 Alarm Criteria
ALARM/
CONDITION
FUNCTION
SET CRITERIA
CLEAR CRITERIA
AIS
Alarm Indication Signal.
Unframed all ones.
Four or fewer 0s in two
consecutive 1536-bit frames
Five or more 0s in two consecutive
1536-bit frames
RUA1
Unframed All Ones
Four or fewer 0s in two
consecutive 1536-bit frames
Five or more 0s in two consecutive
1536-bit frames
LOS
Loss of Signal
192 consecutive 0s
No EXZ events over a 192-bit
window that starts with the first 1
received
SEF
Severely Errored Frame
Same as OOF
Same as OOF
OOF
Out of Frame. Too many FAS
errors.
Four consecutive bad FAS
Three consecutive good FAS
RAI
Remote Alarm Indication
Inactive: bit 11 of the frame = 0
Active: bit 11 of the frame = 1
Bit 11 = 1 for four consecutive
frames (6144 bits, 179
ms)
Bit 11 = 0 for four consecutive
frames (6144 bits, 179
ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com