Electronic Components Datasheet Search
  English  ▼

X  

DS3141 Datasheet(PDF) 12 Page - Dallas Semiconductor

Part # DS3141
Description  Single/Dual/Triple/Quad DS3/E3 Framers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3141 Datasheet(HTML) 12 Page - Dallas Semiconductor

Back Button DS3141 Datasheet HTML 8Page - Dallas Semiconductor DS3141 Datasheet HTML 9Page - Dallas Semiconductor DS3141 Datasheet HTML 10Page - Dallas Semiconductor DS3141 Datasheet HTML 11Page - Dallas Semiconductor DS3141 Datasheet HTML 12Page - Dallas Semiconductor DS3141 Datasheet HTML 13Page - Dallas Semiconductor DS3141 Datasheet HTML 14Page - Dallas Semiconductor DS3141 Datasheet HTML 15Page - Dallas Semiconductor DS3141 Datasheet HTML 16Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 88 page
background image
DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers
12 of 88
5.4 Receive Framer System Interface Pins
NAME
TYPE
FUNCTION
ROCLK
O
Receive Output Clock. ROCLK is used to clock data out of the receive framer on RDAT. ROCLK is
normally a buffered (and optionally inverted) version of RCLK. When diagnostic loopback is active, ROCLK
is a buffered (and optionally inverted) version of TICLK. If MC4:ROCLKI = 0, data is clocked out of the
framer on the rising edge of ROCLK. If ROCLKI = 1, data is clocked out on the falling edge of ROCLK.
RDAT
O
Receive Data Output. The incoming DS3/E3 data stream is serially clocked out of the receive framer on the
RDAT pin. RDAT is normally updated on the rising edge of ROCLK. To output data on the falling edge of
ROCLK, set MC4:ROCLKI = 1. To internally invert RDAT, set MC4:RDATI = 1. To force RDAT high, set
MC4:RDATH = 1. To force RDAT low, set MC4:RDATI = MC4:RDATH = 1.
RDEN/
RGCLK
O
Receive Data Enable/Receive Gapped Clock. The receive framer can be configured to either output a data
enable (RDEN) or a gapped clock (RGCLK). In data enable mode, RDEN goes active when payload data is
available on the RDAT output pin and inactive when overhead data is present on the RDAT pin. In gapped
clock mode, RGCLK acts as a payload data clock for the RDAT output, toggling for each payload bit
position and not toggling for each framing overhead bit position. In DS3 mode, overhead data is defined as
the M bits, F bits, C bits, X bits, and P bits. In E3 mode, overhead data is defined as the FAS word, RAI bit,
and Sn bit (bits 1 to 12). To configure the receive framer for data enable mode, set MC4:RDENMS = 0. To
configure for gapped clock operation, set MC4:RDENMS = 1. RDEN is normally active high; to make RDEN
active low, set MC4:RDENI = 1. RGCLK normally is the same polarity as RCLK; to invert RGCLK, set
MC4:RDENI = 1.
RSOF
O
Receive Start of Frame. RSOF indicates the DS3 or E3 frame boundary on the incoming receive data
stream. RSOF pulses high for one TICLK cycle during the last bit of each DS3 or E3 frameRSOF is
normally active high. Set MC4:RSOFI = 1 to make RSOF active low.
RLOS
O
Receive Loss of Signal. RLOS goes high when the receive framer is in a loss-of-signal (LOS) state. It
remains high as long as the LOS state persists and returns low when the framer exits the LOS state. See
Table 7-E and Table 7-F for details on the set and clear criteria for this pin. LOS status is also available
through the LOS status bit in the T3E3SR register.
ROOF
O
Receive Out of Frame. ROOF goes high when the receive framer is in an out-of-frame (OOF) state. It
remains high as long as the OOF state persists and returns low when the framer synchronizes. See Table
7-E and Table 7-F for details on the set and clear criteria for this pin. OOF status is also available through
the OOF status bit in the T3E3SR register.
RECU
I
Receive Error-Counter Update Strobe. Through the AECU control bit in the MC1 register, the device can be
configured to use this asynchronous input to initiate an update of the internal error counters in all the
framers on the device. A 0-to-1 transition on the RECU pin causes the device to load the error counter
registers with the latest internal error counts. This signal must be returned low before a subsequent update
of the error counters can occur. After toggling the RECU pin, the host processor must wait at least 100ns
before reading the error counter registers to allow the device time to load the registers. This signal is
logically ORed with the MECU control bit in MC1. If this signal is not used, it should be wired low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com