Electronic Components Datasheet Search
  English  ▼

X  

DS3141 Datasheet(PDF) 24 Page - Dallas Semiconductor

Part # DS3141
Description  Single/Dual/Triple/Quad DS3/E3 Framers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3141 Datasheet(HTML) 24 Page - Dallas Semiconductor

Back Button DS3141 Datasheet HTML 20Page - Dallas Semiconductor DS3141 Datasheet HTML 21Page - Dallas Semiconductor DS3141 Datasheet HTML 22Page - Dallas Semiconductor DS3141 Datasheet HTML 23Page - Dallas Semiconductor DS3141 Datasheet HTML 24Page - Dallas Semiconductor DS3141 Datasheet HTML 25Page - Dallas Semiconductor DS3141 Datasheet HTML 26Page - Dallas Semiconductor DS3141 Datasheet HTML 27Page - Dallas Semiconductor DS3141 Datasheet HTML 28Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 88 page
background image
DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers
24 of 88
Register Name:
MC2
Register Description:
Master Configuration Register 2
Register Address:
02h
Bit #
7
6
5
4
3
2
1
0
Name
OSTCS
TCCLK
N/A
N/A
N/A
DLB
LLB
PLB
Default
0
0
—
—
—
0
0
0
Bit 0: Payload Loopback Enable (PLB). When payload loopback is enabled, the transmit formatter operates from
the receive clock (rather than TICLK) and sources DS3/E3 payload bits from the receive data stream rather than
from the TDAT input pin. Receive data is still available on the RDAT output pin during payload loopback. See
Figure 1-1 for a visual description of this loopback.
0 = disable payload loopback
1 = enable payload loopback
Bit 1: Line Loopback Enable (LLB). Line loopback connects the TPOS, TNEG, and TCLK output pins to the
RPOS, RNEG, and RCLK input pins. When line loopback is enabled, the receive framer continues to process the
incoming receive data stream and present it on the RDAT pin; the output of the transmit formatter is ignored. Line
loopback and diagnostic loopback can be active at the same time to support simultaneous local and far-end
loopbacks. See Figure 1-1 for a visual description of this loopback.
0 = disable line loopback
1 = enable line loopback
Bit 2: Diagnostic Loopback Enable (DLB). When diagnostic loopback is enabled, the receive framer sources
data from the transmit formatter rather than the RCLK, RPOS, and RNEG input pins. Transmit data is sourced prior
to transmit AIS generation, unframed all-ones generation, TCLK/TPOS/TNEG pin inversion, and TPOS/TNEG
force-high logic. This allows the device to transmit AIS or unframed all ones to the far end while locally looping
back the actual transmit data stream, which could be test patterns or other traffic that should not be sent to the far
end. See Figure 1-1 for a visual description of this loopback.
0 = disable diagnostic loopback
1 = enable diagnostic loopback
Bit 6: Transmit Constant Clock Select (TCCLK). When TCCLK is set to logic 1, the device outputs a constant
transmit clock on the TDEN/TGCLK pin instead of a data enable or gapped clock. This bit has precedence over the
TDENMS bit in register MC3. The pin can still be inverted by MC3:TDENI.
0 = the function of the TDEN/TGCLK pin is controlled by TDENMS control bit
1 = the TDEN/TGCLK pin is a constant transmit clock output
Bit 7: One-Second Timer Clock Select (OSTCS). This control bit selects the clock source for the internal one-
second timer.
0 = use RCLK
1 = use TICLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com