| Electronic Components Datasheet Search |
|
DS3141 Datasheet(PDF) 19 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS3141 Datasheet(HTML) 19 Page - Dallas Semiconductor |
|
19 / 88 page ![]() DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers 19 of 88 Figure 7-2. Transmit Clock Block Diagram 7.2.2 Loss-of-Clock Detection The LOTC and LORC (loss-of-receive clock) status bits in the MSR register are set when the transmit (TICLK) and receive (RCLK) clocks are stopped, respectively. The clocks are monitored with the system clock (SCLK), which must be running for the loss-of-clock circuits to function properly. The LOTC and LORC status bits are set when TICLK or RCLK have been stopped high or low for between 9 and 21 clock periods (depending on SCLK frequency). The LOTC and LORC status bits are cleared after the device detects a few edges of the monitored clock. 7.3 Receiver Logic In the normal operating mode, the signals on RPOS and RNEG are decoded as an HDB3 signal in E3 mode or as a B3ZS signal in DS3 mode and output on the RDAT pin. The input signal is monitored for loss-of-signal, bipolar violations, excessive zeroes, AIS, and unframed all ones, and after decoding, is sent to the BERT and synchronizer. When the synchronizer finds the framing pattern in the overhead bits, it clears the out-of-frame indication (ROOF) and aligns the start-of-frame (RSOF) and data-enable (RDEN) signals to the signal on RDAT. If the framing pattern is lost, then ROOF is set and the framing pattern is searched for again. While the framing pattern is being searched for, the RSOF and RDEN signals maintain the alignment with the last known position of the framing pattern. If a framing pattern is found in a new position, the RSOF and RDEN signals align with the new pattern position and the COFAL status bit is set in the T3E3SRL register. After reset, the RSOF and RDEN signals are generated, but have no relationship with any framing pattern until one is found. The signal on the ROOF pin can be monitored using the OOF bit in the T3E3SR register. When the diagnostic loopback mode is enabled using the DLB bit in the MC2 register, RCLK, RPOS, and RNEG are replaced with TICLK, TPOS, and TNEG. This allows the framer and synchronizer logic to be checked in order to isolate a problem in the system. The BERT can monitor either the payload or the entire signal for expected test patterns. Figure 7-3. Receiver Block Diagram LOTC RCLK TCLK TICLK INTERNAL TCLK LOTCMC LLB PLB 0 0 1 1 LORC Rx BERT DS3 E3 G.751 SYNCHRONIZER HDB B3ZS AMI DECODER RPOS RNEG RCLK ROCLK FROM Tx DLB DLB DLB RDAT RLOS ROOF RSOF RDEN FROM Tx BERT TDAT TO PLB MUX |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |