Electronic Components Datasheet Search
  English  ▼

X  

DS3141 Datasheet(PDF) 38 Page - Dallas Semiconductor

Part # DS3141
Description  Single/Dual/Triple/Quad DS3/E3 Framers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3141 Datasheet(HTML) 38 Page - Dallas Semiconductor

Back Button DS3141 Datasheet HTML 34Page - Dallas Semiconductor DS3141 Datasheet HTML 35Page - Dallas Semiconductor DS3141 Datasheet HTML 36Page - Dallas Semiconductor DS3141 Datasheet HTML 37Page - Dallas Semiconductor DS3141 Datasheet HTML 38Page - Dallas Semiconductor DS3141 Datasheet HTML 39Page - Dallas Semiconductor DS3141 Datasheet HTML 40Page - Dallas Semiconductor DS3141 Datasheet HTML 41Page - Dallas Semiconductor DS3141 Datasheet HTML 42Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers
38 of 88
Register Name:
T3E3SRIE
Register Description:
DS3/E3 Status Register Interrupt Enable
Register Address:
1Ah
Bit #
7
6
5
4
3
2
1
0
Name
COFAIE
N/A
SEFIE
T3IDLEIE
RAIIE
AISIE
OOFIE
LOSIE
Default
0
—
0
0
0
0
0
0
Bit 0: Loss-of-Signal Occurrence Interrupt Enable (LOSIE). This bit enables an interrupt if the LOSL bit in the
T3E3SRL register is set.
0 = interrupt disabled
1 = interrupt enabled
Bit 1: Out-of-Frame Occurrence Interrupt Enable (OOFIE). This bit enables an interrupt if the OOFL bit in the
T3E3SRL register is set.
0 = interrupt disabled
1 = interrupt enabled
Bit 2: Alarm Indication Signal Detected Interrupt Enable (AISIE). This bit enables an interrupt if the AISL bit in
the T3E3SRL register is set.
0 = interrupt disabled
1 = interrupt enabled
Bit 3: Remote Alarm Indication Detected Interrupt Enable (RAIIE). This bit enables an interrupt if the RAIL bit in
the T3E3SRL register is set.
0 = interrupt disabled
1 = interrupt enabled
Bit 4: DS3 Idle-Signal-Detected Interrupt Enable (T3IDLEIE). This bit enables an interrupt if the T3IDLEL bit in
the T3E3SRL register is set.
0 = interrupt disabled
1 = interrupt enabled
Bit 5: Severely Errored Frame Detected-Interrupt Enable (SEFIE). This bit enables an interrupt if the SEFL bit in
the T3E3SRL register is set.
0 = interrupt disabled
1 = interrupt enabled
Bit 7: Change-of-Frame Alignment Interrupt Enable (COFAIE). This bit enables an interrupt if the COFAL bit in
the T3E3SRL register is set.
0 = interrupt disabled
1 = interrupt enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com